Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT67F60 Datasheet(PDF) 175 Page - Holtek Semiconductor Inc

Part # HT67F60
Description  TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F60 Datasheet(HTML) 175 Page - Holtek Semiconductor Inc

Back Button HT67F60 Datasheet HTML 171Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 172Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 173Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 174Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 175Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 176Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 177Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 178Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 179Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 175 / 242 page
background image
HT67F30/HT67F40/HT67F50/HT67F60
TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
Rev. 1.50
174
March 06 , 2012
Rev. 1.50
175
March 06 , 2012
I2C Bus Communication
Communication on the I2C bus requires four separate steps, a START signal, a slave device address
transmission, a data transmission and finally a STOP signal. When a START signal is placed on the
I2C bus, all devices on the bus will receive this signal and be notified of the imminent arrival of data
on the bus. The first seven bits of the data will be the slave address with the first bit being the MSB.
If the address of the slave device matches that of the transmitted address, the HAAS bit in the
SIMC1 register will be set and an I2C interrupt will be generated. After entering the interrupt service
routine, the slave device must first check the condition of the HAAS bit to determine whether the
interrupt source originates from an address match or from the completion of an 8-bit data transfer.
During a data transfer, note that after the 7-bit slave address has been transmitted, the following bit,
which is the 8th bit, is the read/write bit whose value will be placed in the SRW bit. This bit will be
checked by the slave device to determine whether to go into transmit or receive mode. Before any
transfer of data to or from the I2C bus, the microcontroller must initialise the bus, the following are
steps to achieve this:
● Step 1
Set the SIM2~SIM0 and SIMEN bits in the SIMC0 register to "1" to enable the I2C bus.
● Step 2
Write the slave address of the device to the I2C bus address register SIMA.
● Step 3
Set the SIME and SIM Muti-Function interrupt enable bit of the interrupt control register to enable
the SIM interrupt and Multi-function interrupt.
St ar t
Wr it e Sl av e
A ddr e ss to S IM A
SE T SI M[ 2: 0] =1 10
SE T SI ME N
I 2 C Bu s
In te rr up t= ?
Ye s
No
SE T SI ME a nd MF nE
Wa it f or In te rr upt
Go to M ai n Pr og ra m
CL R SI ME
Po ll S IM F to d ec i de
wh en t o go t o I 2 C Bu s IS R
Go to M ai n Pr og ra m
I2C Bus Initialisation Flow Chart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com