Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT67F60 Datasheet(PDF) 176 Page - Holtek Semiconductor Inc

Part # HT67F60
Description  TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F60 Datasheet(HTML) 176 Page - Holtek Semiconductor Inc

Back Button HT67F60 Datasheet HTML 172Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 173Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 174Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 175Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 176Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 177Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 178Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 179Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 180Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 242 page
background image
Rev. 1.50
176
March 06 , 2012
Rev. 1.50
177
March 06 , 2012
HT67F30/HT67F40/HT67F50/HT67F60
TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPRO
I2C Bus Start Signal
The START signal can only be generated by the master device connected to the I2C bus and not by
the slave device. This START signal will be detected by all devices connected to the I2C bus. When
detected, this indicates that the I2C bus is busy and therefore the HBB bit will be set. A START
condition occurs when a high to low transition on the SDA line takes place when the SCL line
remains high.
Slave Address
The transmission of a START signal by the master will be detected by all devices on the I2C bus. To
determine which slave device the master wishes to communicate with, the address of the slave
device will be sent out immediately following the START signal. All slave devices, after receiving
this 7-bit address data, will compare it with their own 7-bit slave address. If the address sent out by
the master matches the internal address of the microcontroller slave device, then an internal I2C bus
interrupt signal will be generated. The next bit following the address, which is the 8th bit, defines
the read/write status and will be saved to the SRW bit of the SIMC1 register. The slave device will
then transmit an acknowledge bit, which is a low level, as the 9th bit. The slave device will also set
the status flag HAAS when the addresses match.
As an I2C bus interrupt can come from two sources, when the program enters the interrupt
subroutine, the HAAS bit should be examined to see whether the interrupt source has come from a
matching slave address or from the completion of a data byte transfer. When a slave address is
matched, the device must be placed in either the transmit mode and then write data to the SIMD
register, or in the receive mode where it must implement a dummy read from the SIMD register to
release the SCL line.
I2C Bus Read/Write Signal
The SRW bit in the SIMC1 register defines whether the slave device wishes to read data from the
I2C bus or write data to the I2C bus. The slave device should examine this bit to determine if it is to
be a transmitter or a receiver. If the SRW flag is "1" then this indicates that the master device wishes
to read data from the I2C bus, therefore the slave device must be setup to send data to the I2C bus as
a transmitter. If the SRW flag is "0" then this indicates that the master wishes to send data to the I2C
bus, therefore the slave device must be setup to read data from the I2C bus as a receiver.
I2C Bus Slave Address Acknowledge Signal
After the master has transmitted a calling address, any slave device on the I2C bus, whose own
internal address matches the calling address, must generate an acknowledge signal. The
acknowledge signal will inform the master that a slave device has accepted its calling address. If no
acknowledge signal is received by the master then a STOP signal must be transmitted by the master
to end the communication. When the HAAS flag is high, the addresses have matched and the slave
device must check the SRW flag to determine if it is to be a transmitter or a receiver. If the SRW flag
is high, the slave device should be setup to be a transmitter so the HTX bit in the SIMC1 register
should be set to "1". If the SRW flag is low, then the microcontroller slave device should be setup as
a receiver and the HTX bit in the SIMC1 register should be set to "0".



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com