Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT67F60 Datasheet(PDF) 181 Page - Holtek Semiconductor Inc

Part # HT67F60
Description  TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F60 Datasheet(HTML) 181 Page - Holtek Semiconductor Inc

Back Button HT67F60 Datasheet HTML 177Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 178Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 179Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 180Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 181Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 182Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 183Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 184Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 185Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 181 / 242 page
background image
HT67F30/HT67F40/HT67F50/HT67F60
TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
Rev. 1.50
180
March 06 , 2012
Rev. 1.50
181
March 06 , 2012
●
SPIAC1 Register
Bit
7
6
5
4
3
2
1
0
Name
—
—
SACKPOL SACKEG SAMLS SACSEN SAWCOL SATRF
R/W
R
R
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
0
0
0
0
0
0
0
Bit 7~6
Unimplemented, read as “0”.
This bit can be read or written by user software program.
Bit 5
SACKPOL: Determines the base condition of the clock line
0: SCKA line will be high when the clock is inactive
1: SCKA line will be low when the clock is inactive
The SACKPOL bit determines the base condition of the clock line, if the bit is high,
then the SCKA line will be low when the clock is inactive. When the SACKPOL bit is
low, then the SCKA line will be high when the clock is inactive.
Bit 4
SACKEG: Determines the SPIA SCKA active clock edge type
SACKPOL = 0:
0: SCKA has high base level with data capture on SCKA rising edge
1: SCKA has high base level with data capture on SCKA falling edge
SACKPOL = 1:
0: SCKA has low base level with data capture on SCKA falling edge
1: SCKA has low base level with data capture on SCKA rising edge
The SACKEG and SACKPOL bits are used to setup the way that the clock signal
outputs and inputs data on the SPI bus. These two bits must be configured before a
data transfer is executed otherwise an erroneous clock edge may be generated. The
SACKPOL bit determines the base condition of the clock line, if the bit is high, then
the SCKA line will be low when the clock is inactive. When the SACKPOL bit is low,
then the SCKA line will be high when the clock is inactive. The SACKEG bit
determines active clock edge type which depends upon the condition of the SACKPOL
bit.
Bit 3
SAMLS: MSB/LSB First Bit
0: LSB shift first
1: MSB shift first
This is the data shift select bit and is used to select how the data is transferred, either
MSB orLSB first. Setting the bit high will select MSB first and low for LSB first.
Bit 2
SACSEN: Select Signal Enable/Disable Bit
0: SCSA floating
1: Enable
The SACSEN bit is used as an enable/disable for the SCSA pin. If this bit is low, then
the SCSA pin will be disabled and placed into a floating condition. If the bit is high the
SCSA pin will be enabled and used as a select pin. Note that using the SACSEN bit
can be disabled or enabled via configuration option.
Bit 1
SAWCOL: Write Collision Bit
0: Collision free
1: Collision detected
The SAWCOL flag is used to detect if a data collision has occurred. If this bit is high it
means that data has been attempted to be written to the SPIAD register during a data
transfer operation. This writing operation will be ignored if data is being transferred.
The bit can be cleared by the application program. Note that using the SAWCOL bit
can be disabled or enabled via configuration option.
Bit 0
SATRF: Transmit /Receive Flag
0: Not complete
1: Transmission/reception complete
The SATRF bit is the Transmit/Receive Complete flag and is set “1” automatically
when an SPIA data transmission is completed, but must set to zero by the application
program. It can be used to generate an interrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com