Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT67F60 Datasheet(PDF) 182 Page - Holtek Semiconductor Inc

Part # HT67F60
Description  TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F60 Datasheet(HTML) 182 Page - Holtek Semiconductor Inc

Back Button HT67F60 Datasheet HTML 178Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 179Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 180Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 181Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 182Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 183Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 184Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 185Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 186Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 182 / 242 page
background image
Rev. 1.50
182
March 06 , 2012
Rev. 1.50
183
March 06 , 2012
HT67F30/HT67F40/HT67F50/HT67F60
TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPRO
SPIA Communication
After the SPIA interface is enabled by setting the SPIAEN bit high, then in the Master Mode, when
data is written to the SPIAD register, transmission/reception will begin simultaneously. When the
data transfer is complete, the SATRF flag will be set automatically, but must be cleared using the
application program. In the Slave Mode, when the clock signal from the master has been received,
any data in the SPIAD register will be transmitted and any data on the SDIA pin will be shifted into
the SPIAD register.
The master should output an SCSA signal to enable the slave device before a clock signal is
provided. The slave data to be transferred should be well prepared at the appropriate moment
relative to the SCSA signal depending upon the configurations of the SACKPOL bit and SACKEG
bit. The accompanying timing diagram shows the relationship between the slave data and SCS signal
for various configurations of the SACKPOL and SACKEG bits.
The SPIA will continue to function even in the IDLE Mode.
SC KA ( SA CK PO L= 1, S AC KE G= 0)
SP IA EN , SA CS EN =1
SP IA EN =1 , SA CS EN =0 ( Ex te rn al P u ll- Hi gh )
SC KA ( SA CK PO L= 0, S AC KE G= 0)
SD OA ( SA CK EG =0 )
SD OA ( SA CK EG =1 )
SC SA
SD IA D at a C apt ur e
D 7/ D 0D 6/ D 1D 5/ D 2D 4/ D 3D 3/ D 4D 2/ D 5D 1/ D 6D 0/ D 7
D 7/ D 0D 6/ D 1D 5/ D 2D 4/ D 3D 3/ D 4D 2/ D 5D 1/ D 6D 0/ D 7
Wr it e to S PI AD
SC KA ( SA CK PO L= 1, S AC KE G= 1)
SC KA ( SA CK PO L= 0, S AC KE G= 1)
SPIA Master Mode Timing
SC KA ( SA CK PO L= 1)
SC KA ( SA CK PO L= 0)
SD OA
SC SA
SD IA D at a C apt ur e
D7 /D 0D 6/ D1
D5 /D 2D 4/ D3 D3 /D 4D 2/ D5
D1 /D 6D 0/ D7
Wr it e to S PI AD
(S DO A does n ot c hange unt il fi rs t S CK A edge )
SPIA Slave Mode Timing – SACKEG=0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com