Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F563NBCDFB Datasheet(PDF) 56 Page - Renesas Technology Corp

Part # R5F563NBCDFB
Description  Renesas MCUs
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F563NBCDFB Datasheet(HTML) 56 Page - Renesas Technology Corp

Back Button R5F563NBCDFB Datasheet HTML 52Page - Renesas Technology Corp R5F563NBCDFB Datasheet HTML 53Page - Renesas Technology Corp R5F563NBCDFB Datasheet HTML 54Page - Renesas Technology Corp R5F563NBCDFB Datasheet HTML 55Page - Renesas Technology Corp R5F563NBCDFB Datasheet HTML 56Page - Renesas Technology Corp R5F563NBCDFB Datasheet HTML 57Page - Renesas Technology Corp R5F563NBCDFB Datasheet HTML 58Page - Renesas Technology Corp R5F563NBCDFB Datasheet HTML 59Page - Renesas Technology Corp R5F563NBCDFB Datasheet HTML 60Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 108 page
background image
R01DS0098EJ0090 Rev.0.90
Page 56 of 106
Dec 27, 2011
RX63N Group, RX631 Group
4. I/O Registers
Under development Preliminary document
Specifications in this document are tentative and subject to change.
0008 2820h
EXDMAC0
EXDMA external request sense mode register
EDMRMD
8
8
1, 2 BCLK
0008 2821h
EXDMAC0
EXDMA external request flag register
EDMERF
8
8
1, 2 BCLK
0008 2822h
EXDMAC0
EXDMA peripheral request flag register
EDMPRF
8
8
1, 2 BCLK
0008 2840h
EXDMAC1
EXDMA source address register
EDMSAR
32
32
1, 2 BCLK
0008 2844h
EXDMAC1
EXDMA destination address register
EDMDAR
32
32
1, 2 BCLK
0008 2848h
EXDMAC1
EXDMA transfer count register
EDMCRA
32
32
1, 2 BCLK
0008 284Ch
EXDMAC1
EXDMA block transfer count register
EDMCRB
16
16
1, 2 BCLK
0008 2850h
EXDMAC1
EXDMA transfer mode register
EDMTMD
16
16
1, 2 BCLK
0008 2852h
EXDMAC1
EXDMA output setting register
EDMOMD
8
8
1, 2 BCLK
0008 2853h
EXDMAC1
EXDMA interrupt setting register
EDMINT
8
8
1, 2 BCLK
0008 2854h
EXDMAC1
EXDMA address mode register
EDMAMD
32
32
1, 2 BCLK
0008 285Ch
EXDMAC1
EXDMA transfer enable register
EDMCNT
8
8
1, 2 BCLK
0008 285Dh
EXDMAC1
EXDMA software start register
EDMREQ
8
8
1, 2 BCLK
0008 285Eh
EXDMAC1
EXDMA status register
EDMSTS
8
8
1, 2 BCLK
0008 2860h
EXDMAC1
EXDMA external request sense mode register
EDMRMD
8
8
1, 2 BCLK
0008 2861h
EXDMAC1
EXDMA external request flag register
EDMERF
8
8
1, 2 BCLK
0008 2862h
EXDMAC1
EXDMA peripheral request flag register
EDMPRF
8
8
1, 2 BCLK
0008 2A00h
EXDMAC
EXDMA module start register
EDMAST
8
8
1, 2 BCLK
0008 2BE0h
EXDMAC
Cluster buffer register 0
CLSBR0
32
32
1, 2 BCLK
0008 2BE4h
EXDMAC
Cluster buffer register 1
CLSBR1
32
32
1, 2 BCLK
0008 2BE8h
EXDMAC
Cluster buffer register 2
CLSBR2
32
32
1, 2 BCLK
0008 2BECh
EXDMAC
Cluster buffer register 3
CLSBR3
32
32
1, 2 BCLK
0008 2BF0h
EXDMAC
Cluster buffer register 4
CLSBR4
32
32
1, 2 BCLK
0008 2BF4h
EXDMAC
Cluster buffer register 5
CLSBR5
32
32
1, 2 BCLK
0008 2BF8h
EXDMAC
Cluster buffer register 6
CLSBR6
32
32
1, 2 BCLK
0008 2BFCh
EXDMAC
Cluster buffer register 7
CLSBR7
32
32
1, 2 BCLK
0008 3002h
BSC
CS0 mode register
CS0MOD
16
16
1, 2 BCLK
0008 3004h
BSC
CS0 wait control register 1
CS0WCR1
32
32
1, 2 BCLK
0008 3008h
BSC
CS0 wait control register 2
CS0WCR2
32
32
1, 2 BCLK
0008 3012h
BSC
CS1 mode register
CS1MOD
16
16
1, 2 BCLK
0008 3014h
BSC
CS1 wait control register 1
CS1WCR1
32
32
1, 2 BCLK
0008 3018h
BSC
CS1 wait control register 2
CS1WCR2
32
32
1, 2 BCLK
0008 3022h
BSC
CS2 mode register
CS2MOD
16
16
1, 2 BCLK
0008 3024h
BSC
CS2 wait control register 1
CS2WCR1
32
32
1, 2 BCLK
0008 3028h
BSC
CS2 wait control register 2
CS2WCR2
32
32
1, 2 BCLK
0008 3032h
BSC
CS3 mode register
CS3MOD
16
16
1, 2 BCLK
0008 3034h
BSC
CS3 wait control register 1
CS3WCR1
32
32
1, 2 BCLK
0008 3038h
BSC
CS3 wait control register 2
CS3WCR2
32
32
1, 2 BCLK
0008 3042h
BSC
CS4 mode register
CS4MOD
16
16
1, 2 BCLK
0008 3044h
BSC
CS4 wait control register 1
CS4WCR1
32
32
1, 2 BCLK
0008 3048h
BSC
CS4 wait control register 2
CS4WCR2
32
32
1, 2 BCLK
0008 3052h
BSC
CS5 mode register
CS5MOD
16
16
1, 2 BCLK
0008 3054h
BSC
CS5 wait control register 1
CS5WCR1
32
32
1, 2 BCLK
0008 3058h
BSC
CS5 wait control register 2
CS5WCR2
32
32
1, 2 BCLK
0008 3062h
BSC
CS6 mode register
CS6MOD
16
16
1, 2 BCLK
0008 3064h
BSC
CS6 wait control register 1
CS6WCR1
32
32
1, 2 BCLK
0008 3068h
BSC
CS6 wait control register 2
CS6WCR2
32
32
1, 2 BCLK
0008 3072h
BSC
CS7 mode register
CS7MOD
16
16
1, 2 BCLK
0008 3074h
BSC
CS7 wait control register 1
CS7WCR1
32
32
1, 2 BCLK
0008 3078h
BSC
CS7 wait control register 2
CS7WCR2
32
32
1, 2 BCLK
0008 3802h
BSC
CS0 control register
CS0CR
16
16
1, 2 BCLK
0008 380Ah
BSC
CS0 recovery cycle register
CS0REC
16
16
1, 2 BCLK
Table 4.1
List of I/O Registers (Address Order) (3/44)
Address
Module
Symbol
Register Name
Register Symbol
Number
of Bits
Access
Size
Number of Access States
ICLK
PCLK
ICLK<PCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com