Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F563NBCDFB Datasheet(PDF) 79 Page - Renesas Technology Corp

Part # R5F563NBCDFB
Description  Renesas MCUs
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F563NBCDFB Datasheet(HTML) 79 Page - Renesas Technology Corp

Back Button R5F563NBCDFB Datasheet HTML 75Page - Renesas Technology Corp R5F563NBCDFB Datasheet HTML 76Page - Renesas Technology Corp R5F563NBCDFB Datasheet HTML 77Page - Renesas Technology Corp R5F563NBCDFB Datasheet HTML 78Page - Renesas Technology Corp R5F563NBCDFB Datasheet HTML 79Page - Renesas Technology Corp R5F563NBCDFB Datasheet HTML 80Page - Renesas Technology Corp R5F563NBCDFB Datasheet HTML 81Page - Renesas Technology Corp R5F563NBCDFB Datasheet HTML 82Page - Renesas Technology Corp R5F563NBCDFB Datasheet HTML 83Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 108 page
background image
R01DS0098EJ0090 Rev.0.90
Page 79 of 106
Dec 27, 2011
RX63N Group, RX631 Group
4. I/O Registers
Under development Preliminary document
Specifications in this document are tentative and subject to change.
0008 A145h
SCI10
Receive data register
RDR
8
8
2, 3 PCLKB
2 ICLK
0008 A146h
SCI10
Smart card mode register
SCMR
8
8
2, 3 PCLKB
2 ICLK
0008 A147h
SCI10
Serial extended mode register
SEMR
8
8
2, 3 PCLKB
2 ICLK
0008 A148h
SCI10
Noise filter setting register
SNFR
8
8
2, 3 PCLKB
2 ICLK
0008 A149h
SCI10
I2C mode register 1
SIMR1
8
8
2, 3 PCLKB
2 ICLK
0008 A14Ah
SCI10
I2C mode register 2
SIMR2
8
8
2, 3 PCLKB
2 ICLK
0008 A14Bh
SCI10
I2C mode register 3
SIMR3
8
8
2, 3 PCLKB
2 ICLK
0008 A14Ch
SCI10
I2C status register
SISR
8
8
2, 3 PCLKB
2 ICLK
0008 A14Dh
SCI10
SPI mode register
SPMR
8
8
2, 3 PCLKB
2 ICLK
0008 A160h
SCI11
Serial mode register
SMR
8
8
2, 3 PCLKB
2 ICLK
0008 A161h
SCI11
Bit rate register
BRR
8
8
2, 3 PCLKB
2 ICLK
0008 A162h
SCI11
Serial control register
SCR
8
8
2, 3 PCLKB
2 ICLK
0008 A163h
SCI11
Transmit data register
TDR
8
8
2, 3 PCLKB
2 ICLK
0008 A164h
SCI11
Serial status register
SSR
8
8
2, 3 PCLKB
2 ICLK
0008 A165h
SCI11
Receive data register
RDR
8
8
2, 3 PCLKB
2 ICLK
0008 A166h
SCI11
Smart card mode register
SCMR
8
8
2, 3 PCLKB
2 ICLK
0008 A167h
SCI11
Serial extended mode register
SEMR
8
8
2, 3 PCLKB
2 ICLK
0008 A168h
SCI11
Noise filter setting register
SNFR
8
8
2, 3 PCLKB
2 ICLK
0008 A169h
SCI11
I2C mode register 1
SIMR1
8
8
2, 3 PCLKB
2 ICLK
0008 A16Ah
SCI11
I2C mode register 2
SIMR2
8
8
2, 3 PCLKB
2 ICLK
0008 A16Bh
SCI11
I2C mode register 3
SIMR3
8
8
2, 3 PCLKB
2 ICLK
0008 A16Ch
SCI11
I2C status register
SISR
8
8
2, 3 PCLKB
2 ICLK
0008 A16Dh
SCI11
SPI mode register
SPMR
8
8
2, 3 PCLKB
2 ICLK
0008 A800h
IEB
IEBus control register
IECTR
8
8
3 to 4 PCLKB
2, 3 ICLK
0008 A801h
IEB
IEBus command register
IECMR
8
8
3 to 4 PCLKB
2, 3 ICLK
0008 A802h
IEB
IEBus master control register
IEMCR
8
8
3 to 4 PCLKB
2, 3 ICLK
0008 A803h
IEB
IEBus master unit address register 1
IEAR1
8
8
3 to 4 PCLKB
2, 3 ICLK
0008 A804h
IEB
IEBus master unit address register 2
IEAR2
8
8
3 to 4 PCLKB
2, 3 ICLK
0008 A805h
IEB
IEBus slave address setting register 1
IESA1
8
8
3 to 4 PCLKB
2, 3 ICLK
0008 A806h
IEB
IEBus slave address setting register 2
IESA2
8
8
3 to 4 PCLKB
2, 3 ICLK
0008 A807h
IEB
IEBus transmit message length register
IETBFL
8
8
3 to 4 PCLKB
2, 3 ICLK
0008 A809h
IEB
IEBus reception master address register 1
IEMA1
8
8
3 to 4 PCLKB
2, 3 ICLK
0008 A80Ah
IEB
IEBus reception master address register 2
IEMA2
8
8
3 to 4 PCLKB
2, 3 ICLK
0008 A80Bh
IEB
IEBus receive control field register
IERCTL
8
8
3 to 4 PCLKB
2, 3 ICLK
0008 A80Ch
IEB
IEBus receive message length register
IERBFL
8
8
3 to 4 PCLKB
2, 3 ICLK
0008 A80Eh
IEB
IEBus lock address register 1
IELA1
8
8
3 to 4 PCLKB
2, 3 ICLK
0008 A80Fh
IEB
IEBus lock address register 2
IELA2
8
8
3 to 4 PCLKB
2, 3 ICLK
0008 A810h
IEB
IEBus general flag register
IEFLG
8
8
3 to 4 PCLKB
2, 3 ICLK
0008 A811h
IEB
IEBus transmit status register
IETSR
8
8
3 to 4 PCLKB
2, 3 ICLK
0008 A812h
IEB
IEBus transmit interrupt enable register
IEIET
8
8
3 to 4 PCLKB
2, 3 ICLK
0008 A814h
IEB
IEBus receive status register
IERSR
8
8
3 to 4 PCLKB
2, 3 ICLK
0008 A815h
IEB
IEBus receive interrupt enable register
IEIER
8
8
3 to 4 PCLKB
2, 3 ICLK
0008 A818h
IEB
IEBus clock select register
IECKSR
8
8
3 to 4 PCLKB
2, 3 ICLK
0008 A900h to
0008 A91Fh
IEB
IEBus transmit data buffer register 001 to 032
IETB001 to 032
8
8
3 to 4 PCLKB
2, 3 ICLK
0008 AA00h to
0008 AA1Fh
IEB
IEBus receive data buffer register 001 to 032
IERB001 to 032
8
8
3 to 4 PCLKB
2, 3 ICLK
0008 B300h
SCI12
Serial mode register
SMR12
8
8
2, 3 PCLKB
2 ICLK
0008 B301h
SCI12
Bit rate register
BRR12
8
8
2, 3 PCLKB
2 ICLK
0008 B302h
SCI12
Serial control register
SCR12
8
8
2, 3 PCLKB
2 ICLK
0008 B303h
SCI12
Transmit data register
TDR12
8
8
2, 3 PCLKB
2 ICLK
0008 B304h
SCI12
Serial status register
SSR12
8
8
2, 3 PCLKB
2 ICLK
0008 B305h
SCI12
Receive data register
RDR12
8
8
2, 3 PCLKB
2 ICLK
Table 4.1
List of I/O Registers (Address Order) (26/44)
Address
Module
Symbol
Register Name
Register Symbol
Number
of Bits
Access
Size
Number of Access States
ICLK
PCLK
ICLK<PCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com