Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F563NBCDFB Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # R5F563NBCDFB
Description  Renesas MCUs
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F563NBCDFB Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button R5F563NBCDFB Datasheet HTML 12Page - Renesas Technology Corp R5F563NBCDFB Datasheet HTML 13Page - Renesas Technology Corp R5F563NBCDFB Datasheet HTML 14Page - Renesas Technology Corp R5F563NBCDFB Datasheet HTML 15Page - Renesas Technology Corp R5F563NBCDFB Datasheet HTML 16Page - Renesas Technology Corp R5F563NBCDFB Datasheet HTML 17Page - Renesas Technology Corp R5F563NBCDFB Datasheet HTML 18Page - Renesas Technology Corp R5F563NBCDFB Datasheet HTML 19Page - Renesas Technology Corp R5F563NBCDFB Datasheet HTML 20Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 108 page
background image
R01DS0098EJ0090 Rev.0.90
Page 16 of 106
Dec 27, 2011
RX63N Group, RX631 Group
1. Overview
Under development Preliminary document
Specifications in this document are tentative and subject to change.
Serial peripheral
interface
RSPCKA, RSPCKB
RSPCKC
I/O
Clock input/output pin.
MOSIA, MOSIB, MOSIC
I/O
Inputs or outputs data output from the master.
MISOA, MISOB, MISOC
I/O
Inputs or outputs data output from the slave.
SSLA0, SSLB0, SSLC0
I/O
Input or output pins slave selection
SSLA1 to SSLA3
SSLB1 to SSLB3
SSLC1 to SSLC3
Output
Output pins slave selection
IEBus controller
IERXD
Input
Input pin for data reception.
IETXD
Output
Output pin for data transmission.
Realtime clock
RTCOUT
Output
Output pin for 1-Hz clock.
RTCIC0 to RTCIC2
Input
Time capture event input pin
12-bit A/D converter
AN000 to AN020
Input
Input pins for the analog signals to be processed by the A/D
converter.
ADTRG0#
Input
Input pins for the external trigger signals that start the A/D
conversion.
10-bit A/D converter
AN0 to AN7
Input
Input pins for the analog signals to be processed by the A/D
converter.
ANEX0
Output
Extended analog output pin
ANEX1
Input
Extended analog input pin
ADTRG#
Input
Input pins for the external trigger signals that start the A/D
conversion.
D/A converter
DA0, DA1
Output
Output pins for the analog signals to be processed by the D/A
converter.
Analog power supply
AVCC0
Input
Analog voltage supply pin for the 12-bit A/D converter. Connect
this pin to VCC if the 12-bit A/D converter is not to be used.
AVSS0
Input
Analog ground pin for the 12-bit A/D converter. Connect this pin
to VSS if the 12-bit A/D converter is not to be used.
VREFH0
Input
Analog reference voltage supply pin for the 12-bit A/D converter.
Connect this pin to VCC if the 12-bit A/D converter is not to be
used.
Analog power supply
VREFL0
Input
Analog reference ground pin for the 12-bit A/D converter.
Connect this pin to VSS if the 12-bit A/D converter is not to be
used.
VREFH
Input
Reference voltage input pin for the 10-bit A/D converter and D/A
converter. This is used as the analog power supply for the
respective modules. Connect this pin to VCC if neither the 10-bit
A/D converter nor the D/A converter is in use.
VREFL
Input
Reference ground pin for the 10-bit A/D converter and D/A
converter. This is used as the analog ground for the respective
modules. Set this pin to the same potential as the VSS pin.
Table 1.4
Pin Functions (5/6)
Classifications
Pin Name
I/O
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com