Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F563NBCDFB Datasheet(PDF) 70 Page - Renesas Technology Corp

Part # R5F563NBCDFB
Description  Renesas MCUs
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F563NBCDFB Datasheet(HTML) 70 Page - Renesas Technology Corp

Back Button R5F563NBCDFB Datasheet HTML 66Page - Renesas Technology Corp R5F563NBCDFB Datasheet HTML 67Page - Renesas Technology Corp R5F563NBCDFB Datasheet HTML 68Page - Renesas Technology Corp R5F563NBCDFB Datasheet HTML 69Page - Renesas Technology Corp R5F563NBCDFB Datasheet HTML 70Page - Renesas Technology Corp R5F563NBCDFB Datasheet HTML 71Page - Renesas Technology Corp R5F563NBCDFB Datasheet HTML 72Page - Renesas Technology Corp R5F563NBCDFB Datasheet HTML 73Page - Renesas Technology Corp R5F563NBCDFB Datasheet HTML 74Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 108 page
background image
R01DS0098EJ0090 Rev.0.90
Page 70 of 106
Dec 27, 2011
RX63N Group, RX631 Group
4. I/O Registers
Under development Preliminary document
Specifications in this document are tentative and subject to change.
0008 8200h
TMR0
Timer control register
TCR
8
8
2, 3 PCLKB
2 ICLK
0008 8201h
TMR1
Timer control register
TCR
8
8
2, 3 PCLKB
2 ICLK
0008 8202h
TMR0
Timer control/status register
TCSR
8
8
2, 3 PCLKB
2 ICLK
0008 8203h
TMR1
Timer control/status register
TCSR
8
8
2, 3 PCLKB
2 ICLK
0008 8204h
TMR0
Time constant register A
TCORA
8
8
2, 3 PCLKB
2 ICLK
0008 8205h
TMR1
Time constant register A
TCORA
8
8*5
2, 3 PCLKB
2 ICLK
0008 8206h
TMR0
Time constant register B
TCORB
8
8
2, 3 PCLKB
2 ICLK
0008 8207h
TMR1
Time constant register B
TCORB
8
8*5
2, 3 PCLKB
2 ICLK
0008 8208h
TMR0
Timer counter
TCNT
8
8
2, 3 PCLKB
2 ICLK
0008 8209h
TMR1
Timer counter
TCNT
8
8*5
2, 3 PCLKB
2 ICLK
0008 820Ah
TMR0
Timer counter control register
TCCR
8
8
2, 3 PCLKB
2 ICLK
0008 820Bh
TMR1
Timer counter control register
TCCR
8
8*5
2, 3 PCLKB
2 ICLK
0008 8210h
TMR2
Timer control register
TCR
8
8
2, 3 PCLKB
2 ICLK
0008 8211h
TMR3
Timer control register
TCR
8
8
2, 3 PCLKB
2 ICLK
0008 8212h
TMR2
Timer control/status register
TCSR
8
8
2, 3 PCLKB
2 ICLK
0008 8213h
TMR3
Timer control/status register
TCSR
8
8
2, 3 PCLKB
2 ICLK
0008 8214h
TMR2
Time constant register A
TCORA
8
8
2, 3 PCLKB
2 ICLK
0008 8215h
TMR3
Time constant register A
TCORA
8
8*5
2, 3 PCLKB
2 ICLK
0008 8216h
TMR2
Time constant register B
TCORB
8
8
2, 3 PCLKB
2 ICLK
0008 8217h
TMR3
Time constant register B
TCORB
8
8
2, 3 PCLKB
2 ICLK
0008 8218h
TMR2
Timer counter
TCNT
8
8
2, 3 PCLKB
2 ICLK
0008 8219h
TMR3
Timer counter
TCNT
8
8*5
2, 3 PCLKB
2 ICLK
0008 821Ah
TMR2
Timer counter control register
TCCR
8
8
2, 3 PCLKB
2 ICLK
0008 821Bh
TMR3
Timer counter control register
TCCR
8
8*5
2, 3 PCLKB
2 ICLK
0008 8280h
CRC
CRC control register
CRCCR
8
8
2, 3 PCLKB
2 ICLK
0008 8281h
CRC
CRC data input register
CRCDIR
8
8
2, 3 PCLKB
2 ICLK
0008 8282h
CRC
CRC data output register
CRCDOR
16
16
2, 3 PCLKB
2 ICLK
0008 8300h
RIIC0
I2C bus control register 1
ICCR1
8
8
2, 3 PCLKB
2 ICLK
0008 8301h
RIIC0
I2C bus control register 2
ICCR2
8
8
2, 3 PCLKB
2 ICLK
0008 8302h
RIIC0
I2C bus mode register 1
ICMR1
8
8
2, 3 PCLKB
2 ICLK
0008 8303h
RIIC0
I2C bus mode register 2
ICMR2
8
8
2, 3 PCLKB
2 ICLK
0008 8304h
RIIC0
I2C bus mode register 3
ICMR3
8
8
2, 3 PCLKB
2 ICLK
0008 8305h
RIIC0
I2C bus function enable register
ICFER
8
8
2, 3 PCLKB
2 ICLK
0008 8306h
RIIC0
I2C bus status enable register
ICSER
8
8
2, 3 PCLKB
2 ICLK
0008 8307h
RIIC0
I2C bus interrupt enable register
ICIER
8
8
2, 3 PCLKB
2 ICLK
0008 8308h
RIIC0
I2C bus status register 1
ICSR1
8
8
2, 3 PCLKB
2 ICLK
0008 8309h
RIIC0
I2C bus status register 2
ICSR2
8
8
2, 3 PCLKB
2 ICLK
0008 830Ah
RIIC0
Slave address register U0
SARU0
8
8
2, 3 PCLKB
2 ICLK
0008 830Bh
RIIC0
Slave address register L0
SARL0
8
8
2, 3 PCLKB
2 ICLK
0008 830Ch
RIIC0
Slave address register U1
SARU1
8
8
2, 3 PCLKB
2 ICLK
0008 830Dh
RIIC0
Slave address register L1
SARL1
8
8
2, 3 PCLKB
2 ICLK
0008 830Eh
RIIC0
Slave address register U2
SARU2
8
8
2, 3 PCLKB
2 ICLK
0008 830Fh
RIIC0
Slave address register L2
SARL2
8
8
2, 3 PCLKB
2 ICLK
0008 8310h
RIIC0
I2C bus bit rate low-level register
ICBRL
8
8
2, 3 PCLKB
2 ICLK
0008 8311h
RIIC0
I2C bus bit rate high-level register
ICBRH
8
8
2, 3 PCLKB
2 ICLK
0008 8312h
RIIC0
I2C bus transmit data register
ICDRT
8
8
2, 3 PCLKB
2 ICLK
0008 8313h
RIIC0
I2C bus receive data register
ICDRR
8
8
2, 3 PCLKB
2 ICLK
0008 8320h
RIIC1
I2C bus control register 1
ICCR1
8
8
2, 3 PCLKB
2 ICLK
0008 8321h
RIIC1
I2C bus control register 2
ICCR2
8
8
2, 3 PCLKB
2 ICLK
0008 8322h
RIIC1
I2C bus mode register 1
ICMR1
8
8
2, 3 PCLKB
2 ICLK
0008 8323h
RIIC1
I2C bus mode register 2
ICMR2
8
8
2, 3 PCLKB
2 ICLK
0008 8324h
RIIC1
I2C bus mode register 3
ICMR3
8
8
2, 3 PCLKB
2 ICLK
Table 4.1
List of I/O Registers (Address Order) (17/44)
Address
Module
Symbol
Register Name
Register Symbol
Number
of Bits
Access
Size
Number of Access States
ICLK
PCLK
ICLK<PCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com