Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F563NBCDFB Datasheet(PDF) 97 Page - Renesas Technology Corp

Part # R5F563NBCDFB
Description  Renesas MCUs
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F563NBCDFB Datasheet(HTML) 97 Page - Renesas Technology Corp

Back Button R5F563NBCDFB Datasheet HTML 93Page - Renesas Technology Corp R5F563NBCDFB Datasheet HTML 94Page - Renesas Technology Corp R5F563NBCDFB Datasheet HTML 95Page - Renesas Technology Corp R5F563NBCDFB Datasheet HTML 96Page - Renesas Technology Corp R5F563NBCDFB Datasheet HTML 97Page - Renesas Technology Corp R5F563NBCDFB Datasheet HTML 98Page - Renesas Technology Corp R5F563NBCDFB Datasheet HTML 99Page - Renesas Technology Corp R5F563NBCDFB Datasheet HTML 100Page - Renesas Technology Corp R5F563NBCDFB Datasheet HTML 101Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 108 page
background image
R01DS0098EJ0090 Rev.0.90
Page 97 of 106
Dec 27, 2011
RX63N Group, RX631 Group
4. I/O Registers
Under development Preliminary document
Specifications in this document are tentative and subject to change.
000C 0100h
ETHERC
ETHERC mode register
ECMR
32
32
5, 6PCLKA
—
000C 0108h
ETHERC
Receive frame length register
RFLR
32
32
5, 6PCLKA
—
000C 0110h
ETHERC
ETHERC status register
ECSR
32
32
5, 6PCLKA
—
000C 0118h
ETHERC
ETHERC interrupt permission register
ECSIPR
32
32
5, 6PCLKA
—
000C 0120h
ETHERC
PHY interface register
PIR
32
32
5, 6PCLKA
—
000C 0128h
ETHERC
PHY status register
PSR
32
32
5, 6PCLKA
—
000C 0140h
ETHERC
Random number generation counter upper limit setting
register
RDMLR
32
32
5, 6PCLKA
—
000C 0150h
ETHERC
IPG register
IPGR
32
32
5, 6PCLKA
—
000C 0154h
ETHERC
Automatic PAUSE frame register
APR
32
32
5, 6PCLKA
—
000C 0158h
ETHERC
Manual PAUSE frame register
MPR
32
32
5, 6PCLKA
—
000C 0160h
ETHERC
PAUSE Frame receive counter register
RFCF
32
32
5, 6PCLKA
—
000C 0164h
ETHERC
Automatic PAUSE frame retransmit count register
TPAUSER
32
32
5, 6PCLKA
—
000C 0168h
ETHERC
PAUSE frame retransmit counter register
TPAUSECR
32
32
5, 6PCLKA
—
000C 016Ch
ETHERC
Broadcast frame receive count setting register
BCFRR
32
32
5, 6PCLKA
—
000C 01C0h
ETHERC
MAC address high register
MAHR
32
32
5, 6PCLKA
—
000C 01C8h
ETHERC
MAC address low register
MALR
32
32
5, 6PCLKA
—
000C 01D0h
ETHERC
Transmit retry over counter register
TROCR
32
32
5, 6PCLKA
—
000C 01D4h
ETHERC
Delayed collision detect counter register
CDCR
32
32
5, 6PCLKA
—
000C 01D8h
ETHERC
Lost carrier counter register
LCCR
32
32
5, 6PCLKA
—
000C 01DCh
ETHERC
Carrier not detect counter register
CNDCR
32
32
5, 6PCLKA
—
000C 01E4h
ETHERC
CRC error frame receive counter register
CEFCR
32
32
5, 6PCLKA
—
000C 01E8h
ETHERC
Frame receive error counter register
FRECR
32
32
5, 6PCLKA
—
000C 01ECh
ETHERC
Too-short frame receive counter register
TSFRCR
32
32
5, 6PCLKA
—
000C 01F0h
ETHERC
Too-long frame receive counter register
TLFRCR
32
32
5, 6PCLKA
—
000C 01F4h
ETHERC
Residual-bit frame receive counter register
RFCR
32
32
5, 6PCLKA
—
000C 01F8h
ETHERC
Multicast address frame receive counter register
MAFCR
32
32
5, 6PCLKA
—
007F C402h
FLASH
Flash mode register
FMODR
8
8
2 to 4FCLK
2, 3 ICLK
007F C410h
FLASH
Flash access status register
FASTAT
8
8
2 to 4FCLK
2, 3 ICLK
007F C411h
FLASH
Flash access error interrupt enable register
FAEINT
8
8
2 to 4FCLK
2, 3 ICLK
007F C412h
FLASH
Flash ready interrupt enable register
FRDYIE
8
8
2 to 4FCLK
2, 3 ICLK
007F C440h
FLASH
E2 data flash read enable register 0
DFLRE0
16
16
2 to 4FCLK
2, 3 ICLK
007F C442h
FLASH
E2 data flash read enable register 1
DFLRE1
16
16
2 to 4FCLK
2, 3 ICLK
007F C450h
FLASH
E2 data flash programming/erasure enable register 0
DFLWE0
16
16
2 to 4FCLK
2, 3 ICLK
007F C452h
FLASH
E2 data flash programming/erasure enable register 1
DFLWE1
16
16
2 to 4FCLK
2, 3 ICLK
007F C454h
FLASH
FCU RAM enable register
FCURAME
16
16
2 to 4FCLK
2, 3 ICLK
007F FFB0h
FLASH
Flash status register 0
FSTATR0
8
8
2 to 4FCLK
2, 3 ICLK
007F FFB1h
FLASH
Flash status register 1
FSTATR1
8
8
2 to 4FCLK
2, 3 ICLK
007F FFB2h
FLASH
Flash P/E mode entry register
FENTRYR
16
16
2 to 4FCLK
2, 3 ICLK
007F FFB4h
FLASH
Flash protection register
FPROTR
16
16
2 to 4FCLK
2, 3 ICLK
007F FFB6h
FLASH
Flash reset register
FRESETR
16
16
2 to 4FCLK
2, 3 ICLK
007F FFBAh
FLASH
FCU command register
FCMDR
16
16
2 to 4FCLK
2, 3 ICLK
007F FFC8h
FLASH
FCU processing switching register
FCPSR
16
16
2 to 4FCLK
2, 3 ICLK
007F FFCAh
FLASH
E2 data flash blank check control register
DFLBCCNT
16
16
2 to 4FCLK
2, 3 ICLK
007F FFCCh
FLASH
Flash P/E status registe
FPESTAT
16
16
2 to 4FCLK
2, 3 ICLK
007F FFCEh
FLASH
E2 data flash blank check status register
DFLBCSTAT
16
16
2 to 4FCLK
2, 3 ICLK
007F FFE8h
FLASH
Peripheral clock notification register
PCKAR
16
16
2 to 4FCLK
2, 3 ICLK
Note 1.
When the same output trigger is specified for pulse output groups 2 and 3 by the PPG0.PCR setting, the PPG0.NDRH address is 000881ECh. When different output
triggers are specified, the PPG0.NDRH addresses for pulse output groups 2 and 3 are 000881EEh and 000881ECh, respectively.
Note 2.
When the same output trigger is specified for pulse output groups 0 and 1 by the PPG0.PCR setting, the PPG0.NDRL address is 000881EDh. When different output
triggers are specified, the PPG0.NDRL addresses for pulse output groups 0 and 1 are 000881EFh and 000881EDh, respectively.
Note 3.
When the same output trigger is specified for pulse output groups 6 and 7 by the PPG1.PCR setting, the PPG1.NDRH address is 000881FCh. When different output
triggers are specified, the PPG1.NDRH addresses for pulse output groups 6 and 7 are 000881FEh and 000881FCh, respectively.
Table 4.1
List of I/O Registers (Address Order) (44/44)
Address
Module
Symbol
Register Name
Register Symbol
Number
of Bits
Access
Size
Number of Access States
ICLK
PCLK
ICLK<PCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com