Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4253 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC4253
Description  ??8V Hot Swap Controllers
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4253 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC4253 Datasheet HTML 3Page - Linear Technology LTC4253 Datasheet HTML 4Page - Linear Technology LTC4253 Datasheet HTML 5Page - Linear Technology LTC4253 Datasheet HTML 6Page - Linear Technology LTC4253 Datasheet HTML 7Page - Linear Technology LTC4253 Datasheet HTML 8Page - Linear Technology LTC4253 Datasheet HTML 9Page - Linear Technology LTC4253 Datasheet HTML 10Page - Linear Technology LTC4253 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
LTC4253/LTC4253A
7
425353afe
TYPICAL PERFORMANCE CHARACTERISTICS
ΔITMRACC/ΔIDRN vs Temperature
SQTIMER Threshold
vs Temperature
VDRNL vs Temperature
VDRNCL vs Temperature
IDRN vs VDRAIN
VPGL vs Temperature
ITMR (Initial Cycle, Sourcing)
vs Temperature
ITMR (Circuit Breaker, Sourcing)
vs Temperature
ITMR vs IDRN
TEMPERATURE (°C)
–55 –35 –15
5
25
45
65
85 105 125
4253 G19
10
9
8
7
6
5
4
3
2
1
0
IIN = 2mA
VTMR = 2V
TEMPERATURE (°C)
–55 –35 –15
5
25
45
65
85 105 125
4253 G22
9.0
8.8
8.6
8.4
8.2
8.0
7.8
7.6
7.4
7.2
7.0
IIN = 2mA
TEMPERATURE (°C)
–55 –35 –15
5
25
45
65
85 105 125
4253 G25
8.0
7.8
7.6
7.4
7.2
7.0
6.8
6.6
6.4
6.2
6.0
IIN = 2mA
IDRN = 50μA
TEMPERATURE (°C)
–55 –35 –15
5
25
45
65
85 105 125
4253 G20
240
230
220
210
200
190
180
170
160
IIN = 2mA
IDRN = 0μA
TEMPERATURE (°C)
–55 –35 –15
5
25
45
65
85 105 125
4253 G23
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
IIN = 2mA
VSQTMRH
VSQTMRL
VDRAIN (V)
0
2
4
6
8
10
12
14
16
4253 G26
100
10
1
0.1
0.01
0.001
0.0001
0.00001
IIN = 2mA
TA = –40°C
TA = 25°C
TA = 85°C
TA = 125°C
IDRN (mA)
0.001
0.01
0.1
110
4253 G21
10
1
0.1
IIN = 2mA
TA = 25°C
TEMPERATURE (°C)
–55 –35 –15
5
25
45
65
85 105 125
4253 G24
2.60
2.55
2.50
2.45
2.40
2.35
2.30
2.25
2.20
IIN = 2mA
TEMPERATURE (°C)
–55 –35 –15
5
25
45
65
85 105 125
4253 G27
3.0
2.5
2.0
1.5
1.0
0.5
0
IIN = 2mA
IPG = 10mA
IPG = 5mA
IPG = 1.6mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com