Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4253 Datasheet(PDF) 30 Page - Linear Technology

Part # LTC4253
Description  ??8V Hot Swap Controllers
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4253 Datasheet(HTML) 30 Page - Linear Technology

Back Button LTC4253 Datasheet HTML 26Page - Linear Technology LTC4253 Datasheet HTML 27Page - Linear Technology LTC4253 Datasheet HTML 28Page - Linear Technology LTC4253 Datasheet HTML 29Page - Linear Technology LTC4253 Datasheet HTML 30Page - Linear Technology LTC4253 Datasheet HTML 31Page - Linear Technology LTC4253 Datasheet HTML 32Page - Linear Technology LTC4253 Datasheet HTML 33Page - Linear Technology LTC4253 Datasheet HTML 34Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 30 / 34 page
background image
LTC4253/LTC4253A
30
425353afe
APPLICATIONS INFORMATION
Figure 14. Current Limit Behavior (All Waveforms Are Referenced to VEE)
(14a) Analog Current Limit Fault
(14b) Fast Current Limit Fault
Figure 15. Soft-Start Timing (All Waveforms Are Referenced to VEE)
(15a) Without External CSS
(15b) With External CSS
12
12
34
TIMER
GATE
SENSE
VOUT
SS
DRAIN
PWRGD1
TIMER
GATE
SENSE
VOUT
DRAIN
PWRGD1
4253 F14
CB TIMES-OUT
VTMRH
VACL
VCB
VACL
VFCL
VCB
5μA
DRN
DRN
VDRNCL
VTMRH
12 3 4 5 6 7
7a
8 9
10
11
END OF INITIAL TIMING CYCLE
12 3 4
5 6
7
8 9
10
11
END OF INITIAL TIMING CYCLE
4253 F15
TIMER
GATE
SENSE
SS
DRAIN
PWRGD1
VTMRH
VACL
VCB
VTMRL
VTMRH
VTMRL
VGS(th)
VGS(th)
ACL + VOS)
CB + VOS)
OS
5μA
50μA
50μA
50μA
VDRNCL
VDRNL
VIN – VGATEH
DRN
TIMER
GATE
SENSE
SS
DRAIN
PWRGD1
VACL
VCB
ACL + VOS)
CB + VOS)
OS
5μA
50μA
50μA
50μA
VDRNCL
VDRNL
VIN – VGATEH
DRN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com