Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4253 Datasheet(PDF) 23 Page - Linear Technology

Part # LTC4253
Description  ??8V Hot Swap Controllers
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4253 Datasheet(HTML) 23 Page - Linear Technology

Back Button LTC4253 Datasheet HTML 19Page - Linear Technology LTC4253 Datasheet HTML 20Page - Linear Technology LTC4253 Datasheet HTML 21Page - Linear Technology LTC4253 Datasheet HTML 22Page - Linear Technology LTC4253 Datasheet HTML 23Page - Linear Technology LTC4253 Datasheet HTML 24Page - Linear Technology LTC4253 Datasheet HTML 25Page - Linear Technology LTC4253 Datasheet HTML 26Page - Linear Technology LTC4253 Datasheet HTML 27Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 34 page
background image
LTC4253/LTC4253A
23
425353afe
APPLICATIONS INFORMATION
4253 F08
GATE
START-UP
INITIAL TIMING
VLKO
VGATEL
GND – VEE OR
(–48RTN) – (–48V)
UV/OV
VIN
TIMER
GATE
SENSE
VOUT
12
3 4 56
7
89
SS
DRAIN
PWRGD1
AB
PWRGD2
PWRGD3
SQTIMER
EN2
EN3
CD
VIN CLEARS VLKO, CHECK UV > VUVHI (VUV FOR THE LTC4253A), OV < VOVLO (VOV – VOVHST FOR THE LTC4253A),
RESET < 0.8V, GATE < VGATEL, SENSE < VCB
OS AND TIMER < VTMRL
TIMER CLEARS VTMRL, CHECK GATE < VGATEL, SENSE < VCB
OS
VSQTMRH
5μA
5μA
VSQTMRH
VIH
VIH
VTMRH
VACL
VCB
VTMRL
ACL + VOS)
CB + VOS)
OS
5μA
50μA
5μA
5μA
50μA
50μA
VDRNCL
VDRNL
VIN – VGATEH
DRN
Figure 8. System Power-Up Timing (All Waveforms Are Referenced to VEE)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com