Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4253 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC4253
Description  ??8V Hot Swap Controllers
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4253 Datasheet(HTML) 5 Page - Linear Technology

  LTC4253 Datasheet HTML 1Page - Linear Technology LTC4253 Datasheet HTML 2Page - Linear Technology LTC4253 Datasheet HTML 3Page - Linear Technology LTC4253 Datasheet HTML 4Page - Linear Technology LTC4253 Datasheet HTML 5Page - Linear Technology LTC4253 Datasheet HTML 6Page - Linear Technology LTC4253 Datasheet HTML 7Page - Linear Technology LTC4253 Datasheet HTML 8Page - Linear Technology LTC4253 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
LTC4253/LTC4253A
5
425353afe
TYPICAL PERFORMANCE CHARACTERISTICS
IEN vs VEN
Circuit Breaker Current Limit
Voltage VCB vs Temperature
Analog Current Limit Voltage
VACL vs Temperature
Fast Current Limit Voltage VFCL vs
Temperature
IGATE (Source) vs Temperature
IGATE (ACL, Sink) vs Temperature
VZ vs Temperature
IIN vs VIN
IIN vs Temperature
TEMPERATURE (°C)
–55 –35 –15
5
25
45
65
85 105 125
4253 G01
14.5
14.0
13.5
13.0
12.5
12.0
IIN = 2mA
VIN (V)
0
5
10
15
20
4253 G02
1000
100
10
1
0.1
TA = 85°C
TA = 125°C
TA = –40°C
TA = 25°C
TEMPERATURE (°C)
–55 –35 –15
5
25
45
65
85 105 125
4253 G03
1000
950
900
850
800
750
700
650
600
550
500
VIN = VZ – 0.3V
VEN (V)
02
4
6
8
10
12
14
16
4253 G04
180
160
140
120
100
80
60
40
20
0
IIN = 2mA
TA = 25°C
TEMPERATURE (°C)
–55 –35 –15
5
25
45
65
85 105 125
4253 G05
55
54
53
52
51
50
49
48
47
46
45
TEMPERATURE (°C)
–55 –35 –15
5
25
45
65
85 105 125
4253 G06
150
140
130
120
110
100
90
80
70
60
50
TEMPERATURE (°C)
–55 –35 –15
5
25
45
65
85 105 125
4253 G07
300
280
260
240
220
200
180
160
140
120
100
TEMPERATURE (°C)
–55 –35 –15
5
25
45
65
85 105 125
4253 G08
60
58
56
54
52
50
48
46
44
42
40
UV/OV = 4V
TIMER = 0V
VSENSE = VEE
VGATE = 0V
TEMPERATURE (°C)
–55 –35 –15
5
25
45
65
85 105 125
4253 G09
30
25
20
15
10
5
0
UV/OV = 4V
TIMER = 0V
VSENSE – VEE = 0.15V
VGATE = 3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com