Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPX1202 Datasheet(PDF) 1 Page - Sipex Corporation

Part # SPX1202
Description  600mA Low Dropout NPN Voltage Regulator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX1202 Datasheet(HTML) 1 Page - Sipex Corporation

  SPX1202 Datasheet HTML 1Page - Sipex Corporation SPX1202 Datasheet HTML 2Page - Sipex Corporation SPX1202 Datasheet HTML 3Page - Sipex Corporation SPX1202 Datasheet HTML 4Page - Sipex Corporation SPX1202 Datasheet HTML 5Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
Date: 5/25/04
SPX1202 600mA Low Dropout Positive Linear Regulator
© Copyright 2004 Sipex Corporation
600mA Low Dropout Linear Regulator
SPX1202
DESCRIPTION
FEATURES
■ Guaranteed 600mA Output
■ Three Terminal Adjustable or Fixed
2.5V, 3V and 3.3V
■ Low Quiescent Current
■ Low Dropout Voltage of 1.1V at Full Load
■ 0.2% Line and 0.3% Load Regulation
■ Voltage Temperature Stability 0.05%
■ Overcurrent and Thermal Protection
■ Available Packages: SOT-223,TO-252,
TO-220, and TO-263
®
The SPX1202 is a low power positive-voltage regulator designed to satisfy moderate power
requirements with a cost effective, small footprint solution. This device is an excellent choice for
use in battery-powered applications and portable computers. The SPX1202 features very low
quiescent current and a low dropout voltage of 1.1V at a full load. As output current decreases,
quiescent current flows into the load, increasing efficiency. SPX1202 is available in adjustable
or fixed 2.5V, 3V and 3.3V output voltages.
The SPX1202 is offered in several 3-pin surface mount packages: SOT-223, TO-252, TO-220
and TO-263. An output capacitor of 10µF provides unconditional stability while a smaller 2.2µF
capacitor is sufficient for most applications.
APPLICATIONS
■ SCSI-II Active Terminator
■ Portable/ Palm Top / Notebook
Computers
■ Battery Chargers
■ Disk Drives
■ Portable Consumer Equipment
■ Portable Instrumentation
■ SMPS Post-Regulator
BLOCK DIAGRAM
+
-
Current Limit
ICL
I TL
Thermal Limit
VREF
AMP
VOUT
VIN
ADJ/GND
IADJ ~50µA
–
Now Available in Lead Free Packaging
Refer to page 6 for pinouts.


Similar Part No. - SPX1202

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX1202 SIPEX-SPX1202 Datasheet
205Kb / 11P
600mA Low Dropout Linear Regulator
SPX1202 SIPEX-SPX1202 Datasheet
1Mb / 12P
600mA Low Dropout Voltage Regulator
SPX1202AT SIPEX-SPX1202AT Datasheet
191Kb / 9P
1A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX1202M3 SIPEX-SPX1202M3 Datasheet
205Kb / 11P
600mA Low Dropout Linear Regulator
SPX1202M3 SIPEX-SPX1202M3 Datasheet
1Mb / 12P
600mA Low Dropout Voltage Regulator
More results

Similar Description - SPX1202

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1202 SEMTECH-SC1202 Datasheet
171Kb / 5P
600mA Low Dropout Positive Voltage Regulator
logo
Advanced Monolithic Sys...
AMS2906 ADMOS-AMS2906 Datasheet
70Kb / 8P
600mA LOW DROPOUT VOLTAGE REGULATOR
logo
List of Unclassifed Man...
CM1117A ETC1-CM1117A Datasheet
200Kb / 9P
600mA LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX1202 SIPEX-SPX1202_07 Datasheet
1Mb / 12P
600mA Low Dropout Voltage Regulator
logo
Semtech Corporation
SC1202 SEMTECH-SC1202_04 Datasheet
167Kb / 5P
600mA Low Dropout Positive Voltage Regulator
logo
Advanced Monolithic Sys...
AMS2906 ADMOS-AMS2906_05 Datasheet
67Kb / 8P
600mA LOW DROPOUT VOLTAGE REGULATOR
logo
Champion Microelectroni...
CM1117A CHAMP-CM1117A Datasheet
225Kb / 9P
600mA LOW DROPOUT VOLTAGE REGULATOR
logo
Semtech Corporation
SC1202 SEMTECH-SC1202_08 Datasheet
148Kb / 6P
600mA Low Dropout Positive Voltage Regulator
logo
Anpec Electronics Corop...
APL5601 ANPEC-APL5601 Datasheet
331Kb / 18P
Low Dropout 600mA Fixed Voltage Linear Regulator
logo
First Components Intern...
FC2116 FCI-FC2116 Datasheet
147Kb / 3P
600mA Low Dropout CMOS Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com