Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPX1202 Datasheet(PDF) 2 Page - Sipex Corporation

Part # SPX1202
Description  600mA Low Dropout NPN Voltage Regulator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX1202 Datasheet(HTML) 2 Page - Sipex Corporation

  SPX1202 Datasheet HTML 1Page - Sipex Corporation SPX1202 Datasheet HTML 2Page - Sipex Corporation SPX1202 Datasheet HTML 3Page - Sipex Corporation SPX1202 Datasheet HTML 4Page - Sipex Corporation SPX1202 Datasheet HTML 5Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
Date: 5/25/04
SPX1202 600mA Low Dropout Positive Linear Regulator
© Copyright 2004 Sipex Corporation
at V
IN=VOUT + 1.5V, TA = 25°C, CIN = COUT = 10µF, unless otherwise specified. Limits in Boldface applies over the
full operating temperature range.
PARAMETER
CONDITIONS
TYP
MIN
MAX
UNITS
2.5V Version
Output Voltage
I
OUT = 10mA, VIN = 5.00V
2.475
2.500
2.525
V
0 ≤ I
OUT ≤ 600mA, 4.50V ≤ VIN ≤ 10V
2.450
2.550
3.0V Version
Output Voltage
I
OUT = 10mA, VIN = 5.00V
2.970
3.000
3.030
V
0 ≤ I
OUT ≤ 600mA, 4.50V ≤ VIN ≤ 10V
2.940
3.060
3.3V Version
Output Voltage
I
OUT = 10mA, VIN = 5.00V
3.267
3.300
3.333
V
0 ≤ I
OUT ≤ 600mA, 4.50V ≤ VIN ≤ 10V
3.234
3.366
All Output Options
Reference Voltage
I
OUT=10mA, (VIN - VOUT ) = 2V
1.238
1.250
1.262
V
10≤I
OUT≤ 600mA, 1.4V≤(VIN-VOUT)≤ 10V
1.225
1.270
Output Voltage
(Note 1)
0.05
%
Temperature Stability
Line Regulation
4.50V≤V
IN≤ 12V,VOUT=3.00,IOUT=0
1.00
7.00
mV
4.80V≤V
IN≤ 12V,VOUT=3.30,IOUT=0
1.00
7.00
6.50V≤V
IN≤ 12V,VOUT=5.00,IOUT=0
1.00
10.00
Load Regulation
0≤I
OUT≤ 600mA,VIN=4.50V,VOUT=3.00
1.00
12.00
mV
0≤I
OUT≤ 600mA,VIN=4.80V,VOUT=3.30
1.00
12.00
0≤I
OUT≤ 600mA,VIN=6.50V,VOUT=5.0
1.00
15.00
Dropout Voltage
I
L =100mA
1.00
1.10
V
(Note 2)
I
L =600mA
1.05
1.15
Quiescent Current
4.25V≤V
IN≤ 6.5V
5.00
10.00
mA
Adjust Pin Current
50
µA
Current Limit
(V
IN-VOUT)=5V
.850
1.0
A
Thermal Regulation
25°C, 30mS Pulse
0.01
0.1
%/W
Ripple Rejection
f
RIPPLE=120Hz, (VIN-VOUT)=3V,
60
75
dB
V
RIPPLE=1VPP
Long Term Stability
125°C, 1000Hrs
0.03
%
RMS Output Noise
% of V
OUT, 10Hz≤f≤10kHz
0.003
%
Thermal Resistance
Junction to Case, at tab
15
°C/W
ABSOLUTE MAXIMUM RATINGS
Power Dissipation ...................................... Internally Limited
Lead Temperature (soldering, 5 seconds) .................. 260°C
Storage Temperature Range ...................... -65°C to +150°C
NOTES:
Note 1: Output temperature coefficient is defined as the worst case voltage change divided by the total temperature range.
Note 2: Dropout voltage is defined as the input to output differential at which the output voltage drops 100mV below its nominal value measured at 1V differential at
very low values of programmed output voltage, the minimum input supply voltage of 2V ( 2.3V over temperature) must be taken into account.
Note 3: Thermal regulation is defined as the change in output voltage at a time T after a change in power dissipation is applied excluding load or line regulation effect.
Operating Junction Temperature Range ..... -40°C to +125°C
Input Supply Voltage ..................................................... +20V
ESD Rating .............................................................. 2kV min
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com