Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPX1202 Datasheet(PDF) 4 Page - Sipex Corporation

Part # SPX1202
Description  600mA Low Dropout NPN Voltage Regulator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX1202 Datasheet(HTML) 4 Page - Sipex Corporation

  SPX1202 Datasheet HTML 1Page - Sipex Corporation SPX1202 Datasheet HTML 2Page - Sipex Corporation SPX1202 Datasheet HTML 3Page - Sipex Corporation SPX1202 Datasheet HTML 4Page - Sipex Corporation SPX1202 Datasheet HTML 5Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
Date: 5/25/04
SPX1202 600mA Low Dropout Positive Linear Regulator
© Copyright 2004 Sipex Corporation
APPLICATION INFORMATION
Output Capacitor
To ensure the stability of the SPX1202, an
output capacitor of at least 10
µF (tantalum or
ceramic)or 50
µF (aluminum) is required. The
value may change based on the application
requirements of the output load or temperature
range. The value of ESR can vary based on the
type of capacitor used in the applications. The
recommended value for ESR is 0.5
Ω or less. A
larger value of output capacitance (up to 100
µF)
can improve the load transient response.
SOLDERING METHODS
The SPX1202 SOT-223 package is designed to
be compatible with infrared reflow or vapor-
phase reflow soldering techniques. During sol-
dering, the non-active or mildly active fluxes
may be used. The SPX1202 die is attached to
the heatsink lead which exits opposite the input,
output, and ground pins.
Hand soldering and wave soldering should be
avoided since these methods can cause damage
to the device with excessive thermal gradients
on the package. The SOT-223 recommended
soldering method are as follows: vapor phase
reflow and infrared reflow with the component
preheated to within 65
°C of the soldering tem-
perature range
THERMAL CHARACTERISTICS
The thermal resistance of SPX1202 depends on
the type of package and PC board layout as
shown in Table 1. The SPX1202 features the
internal thermal limiting to protect the device
during overload conditions. Special care needs
to be taken during continuous load conditions
such that the maximum junction temperature
does not exceed 125
°C. Thermal protection is
activated at >144
°C and deactiviated at <137°C.
Taking the FR-4 printed circuit board and 1/16
thick with 1 ounce copper foil as an experiment,
the PCB material is effective at transmitting
heat with the tab attached to the pad area and a
ground plane layer on the backside of the sub-
strate. Refer to table 1 for the results of the
experiment.
The thermal interaction from other components
in the application can effect the thermal resis-
tance of the SPX1202. The actual thermal resis-
tance can be determined with experimentation.
SPX1202 power dissipation is calculated as
follows:
P
D = (VIN - VOUT)(IOUT)
Maximum Junction Temperature range:
T
J = TAMBIENT (max) + PD* (Thermal Resistance)
(Junction-to-ambient)
Maximum junction temperature must not ex-
ceed the 125
°C.
Ripple Rejection
Ripple rejection can be improved by adding a
capacitor between the ADJ pin and ground as
shown in Figure 7. When ADJ pin bypassing is
used, the value of the output capacitor required
increases to its maximum. If the ADJ pin is not
bypassed, the value of the output capacitor can
be lowered to 10
µF for an electrolytic aluminum
capacitor or 2.2
µF for a solid tantalum capacitor
(Fig 10).
However the value of the ADJ-bypass capacitor
should be chosen with respect to the following
equation:
C = 1 / ( 6.28 * F
R * R1 )
Where C = value of the capacitor in Farads
(select an equal or larger standard value),
F
R = ripple frequency in Hz,
R
1 = value of resistor R1 in Ohms.
If an ADJ-bypass capacitor is used, the ampli-
Figure 7. Substrate Layout for SOT-223
50 X 50mm
35 X 17mm
16 X 10mm



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com