Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPX1202 Datasheet(PDF) 5 Page - Sipex Corporation

Part # SPX1202
Description  600mA Low Dropout NPN Voltage Regulator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX1202 Datasheet(HTML) 5 Page - Sipex Corporation

  SPX1202 Datasheet HTML 1Page - Sipex Corporation SPX1202 Datasheet HTML 2Page - Sipex Corporation SPX1202 Datasheet HTML 3Page - Sipex Corporation SPX1202 Datasheet HTML 4Page - Sipex Corporation SPX1202 Datasheet HTML 5Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5
Date: 5/25/04
SPX1202 600mA Low Dropout Positive Linear Regulator
© Copyright 2004 Sipex Corporation
PC BOARD
TOPSIDE COPPER
BACKSIDE COPPER
THERMAL RESISTANCE
AREA mm2
AREA mm2
AREA mm2
JUNCTION TO AMBIENT
°C/W
2500
2500
2500
46
2500
1250
2500
47
2500
950
2500
49
2500
2500
0
51
2500
1800
0
53
1600
600
1600
55
2500
1250
0
58
2500
915
0
59
1600
600
0
67
900
240
900
72
900
240
0
85
Figure 8. 600mA Current Source
Figure 9. Typical Adjustable Regulator
LOAD
ADJ
SPX1202
V
IN
C
1
OUT
IN
4.7µF
C
2
I
OUT
R
1
V
REF
R
1
I
OUT =
+
IN
OUT
I ADJ
SPX1202
C1
R
1
R
2
VOUT
VIN
C
2
V
OUT =V REF (1+R 2 /R1) +I ADJ R 2
V
REF
50µA
ADJ
4.7µF +
tude of the output ripple will be independent of
the output voltage. If an ADJ-bypass capacitor
is not used, the output ripple will be proportional
to the ratio of the output voltage to the reference
voltage:
M = V
OUT / VREF
Where M = multiplier for the ripple seen when
the ADJ pin is optimally bypassed.
V
REF =1.25V
Output Voltage
The output of the adjustable regulator can be set
to any voltage between 1.25V and 15V. The
value of V
OUT can be quickly approximated
using the formula. (Figure 9)
V
OUT=1.25 *(R1 + R2)/R1.
A small correction to this formula is required
depending on the values of resistors R1 and R2,
since adjustable pin current (approx 50
µA) flows
through R2. When I
ADJ is taken into account, the
formula becomes
V
OUT = VREF(1+ (R2/R1)) + IADJ * R2,
where V
REF=1.25V.
TYPICAL APPLICATIONS
Table 1



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com