Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPX1202 Datasheet(PDF) 3 Page - Sipex Corporation

Part # SPX1202
Description  600mA Low Dropout NPN Voltage Regulator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX1202 Datasheet(HTML) 3 Page - Sipex Corporation

  SPX1202 Datasheet HTML 1Page - Sipex Corporation SPX1202 Datasheet HTML 2Page - Sipex Corporation SPX1202 Datasheet HTML 3Page - Sipex Corporation SPX1202 Datasheet HTML 4Page - Sipex Corporation SPX1202 Datasheet HTML 5Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
Date: 5/25/04
SPX1202 600mA Low Dropout Positive Linear Regulator
© Copyright 2004 Sipex Corporation
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 1. Load Regulation for SPX1202M3-3.3;
Figure 2. Line Regulation for SPX1202M3-3.3;
V
IN=4.8V, COUT=2.2µFVIN=4.8V to 16V, COUT=2.2µF
Figure 3. Dropout Voltage vs Output Current for
SPX1202M3-3.3; V
IN=4.89V, COUT=2.2µF
Figure 5. Current Limit for SPX1202M3-3.3, Output
Voltage Deviation with I
OUT=10mA to 1A Step.
3.300
3.310
3.320
3.330
4.8
9.8
14.8
Vin (V)
Series 1
Series 2
Line Regulation at 25°C
0.9
1.0
1.1
1.2
1.3
100
200
300
400
500
600
700
800
900
1000
Output Current (mA)
Figure 6. V
OUT vs Temperature IOUT pilsed from 10mA to
Current Limit
Figure 4. Current Limit for SP1202M3-3.3; V
IN=4.8V,
C
IN=COUT=1.0µF, IOUT pulsed from 10mA to Current
Limit
Temp (°C)
-50
-25
0
25
50
75
100
125
2.00
1.50
1.00
0.50
0.00
Series 1
Series 2
Current Limit VS Temp
Temp (°C)
-50
-30
-10
10
30
50
70
90
110
130
3.340
2.320
3.300
3.280
3.260
3.240
Series 1
Series 2
3.280
3.285
3.290
3.295
3.300
3.305
3.310
3.315
3.320
10
100
1000
Output Current (mA)
SCOPE TRACING MISSING



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com