Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPX1202 Datasheet(PDF) 6 Page - Sipex Corporation

Part # SPX1202
Description  600mA Low Dropout NPN Voltage Regulator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX1202 Datasheet(HTML) 6 Page - Sipex Corporation

  SPX1202 Datasheet HTML 1Page - Sipex Corporation SPX1202 Datasheet HTML 2Page - Sipex Corporation SPX1202 Datasheet HTML 3Page - Sipex Corporation SPX1202 Datasheet HTML 4Page - Sipex Corporation SPX1202 Datasheet HTML 5Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 5 page
background image
6
Date: 5/25/04
SPX1202 600mA Low Dropout Positive Linear Regulator
© Copyright 2004 Sipex Corporation
PACKAGE PINOUTS
13
2
SOT-223 (M3)
Top View
TO-263-3 (T)
1
2
3
Front View
TO-220-3 (U)
1
23
Front View
TO-252 (R)
ADJ/GND
V
OUT
1
23
V
IN
ADJ/GND
V
OUT
V
IN
ADJ/GND
V
OUT
V
IN
ADJ/GND
V
OUT
V
IN
Top View
Figure 11. 5V Regulator with Shutdown
SPX1202
V
IN
R
1
R
2
10µF
10µF*
1kΩ,
330Ω
1%
+
+
4.7µF
C
1
*C
1
improves ripple rejection.
Z
C
should be ~ R1 at ripple frequency
5V
ADJ
IN
OUT
(Note A)
V
OUT
Note A: V
IN(MIN) = (Intended VOUT
) + (V DROPOUT (MAX))
1%
SPX1202
V
IN
10µF
1k
Ω
1%
330Ω
1%
+
+
4.7µF
5V
ADJ
IN
OUT
(Note A)
1k
1k
TTL
Input
2N3904
DROPOUT (MAX)
Note A: V
IN(MIN)
= (Intended V
OUT
) + (V
)
Figure 10. Improving Ripple Rejection
Figure 12. Recommended Connections for Best Results
SPX1202
V
IN
R 2
R 1
Connect R
2
to Load
R L
Connect R1 to
Case of Regulator
RP Parasitic Line
Resistance
V
OUT
ADJ
LAYOUT CONSIDERATIONS
Parasitic line resistance can degrade load regulation. In order not to affect the behavior of the regulator,
it is best to connect R
1 to the case as illustrated in Figure 12. For the same reason, R2 should be
connected to the negative side of the load.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com