Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3447MT/NOPB Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # LM3447MT/NOPB
Description  Phase Dimmable, Primary Side Power Regulated PFC Flyback Controller for LED Lighting
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3447MT/NOPB Datasheet(HTML) 15 Page - Texas Instruments

Back Button LM3447MT/NOPB Datasheet HTML 11Page - Texas Instruments LM3447MT/NOPB Datasheet HTML 12Page - Texas Instruments LM3447MT/NOPB Datasheet HTML 13Page - Texas Instruments LM3447MT/NOPB Datasheet HTML 14Page - Texas Instruments LM3447MT/NOPB Datasheet HTML 15Page - Texas Instruments LM3447MT/NOPB Datasheet HTML 16Page - Texas Instruments LM3447MT/NOPB Datasheet HTML 17Page - Texas Instruments LM3447MT/NOPB Datasheet HTML 18Page - Texas Instruments LM3447MT/NOPB Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 25 page
background image
LM3447
AUX
VCC
GATE
RAUX1
RAUX2
QSW
NA
AUX
IAUX
IAUX
VALLEY
DETECTION
4 s
TIMER
+
LEB
1.84 s
1.75V
CONTROL
&
LOGIC
812ms
FAULT
TIMER
OVP
RAMP
14.5 s
VAL
RAMP
+
1V
FLT2
ENHOLD
RAMP
VAL
VAL
VSW
IP
VAUX
VRAMP
t
t
t
t
t
TS
2TS
(a)
(b)
,
FF
FF
1
C
2 (10 Hz
12 Hz)R
³
-
p
,
R EF
M
2
IN S
OUT
REC (PK,MIN )
V
L
1
1
4P
+
nV
V
£
æ
ö
ç
÷
ç
÷
è
ø
f
LM3447
www.ti.com
SNOSC65 A – APRIL 2012 – REVISED MAY 2012
For the above relationship to be valid and for PFC, it is necessary to ensure that the energy in the magnetizing
inductor, LM, is reset every switching cycle and the power stage operates in DCM for the reference power level,
PIN, over the entire range of input voltages. Based on this constraint, the transformer magnetizing inductor should
be chosen as
(9)
where n is the transformer primary to secondary turns-ratio, VOUT = VLED is the LED string voltage and
VREC(PK,MIN) is the minimum peak rectified input voltage. For the LM3447 internal circuit implementation, shown in
Figure 23, the reference voltage, VREF = 1V and the feedforward gain, GFF = 10. To ensure a robust design and
to reject manufacturing variations, a margin of 2% to 10% should be provided when designing the transformer for
magnetizing inductance calculated using Equation 9.
A small capacitor, CFF is connected in parallel with the resistor RFF, to create a low pass filter that can attenuate
twice the line frequency component from the sensed input voltage. It is recommended to set the filter pole
frequency between 10–12Hz to provide 20dB attenuation, such that
(10)
Slow integral compensation is achieved by placing a compensation capacitor CCOMP at the output of the GM
amplifier. A capacitor value ranging from 4.7
μF to 10μF is recommended to achieve a low bandwidth loop of 1Hz
to 10Hz, based on the power level and transient response.
AUX CIRCUIT AND VALLEY DETECT
Figure 24. (a) AUX Circuit; (b) Valley Switching Waveforms
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: LM3447



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com