Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3447MT/NOPB Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LM3447MT/NOPB
Description  Phase Dimmable, Primary Side Power Regulated PFC Flyback Controller for LED Lighting
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3447MT/NOPB Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM3447MT/NOPB Datasheet HTML 3Page - Texas Instruments LM3447MT/NOPB Datasheet HTML 4Page - Texas Instruments LM3447MT/NOPB Datasheet HTML 5Page - Texas Instruments LM3447MT/NOPB Datasheet HTML 6Page - Texas Instruments LM3447MT/NOPB Datasheet HTML 7Page - Texas Instruments LM3447MT/NOPB Datasheet HTML 8Page - Texas Instruments LM3447MT/NOPB Datasheet HTML 9Page - Texas Instruments LM3447MT/NOPB Datasheet HTML 10Page - Texas Instruments LM3447MT/NOPB Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
93.4
93.8
94.2
94.6
95
95.4
95.8
96.2
−40 −25 −10
5
20
35
50
65
80
95
110 125
Temperature (°C)
G006
−55
−50
−45
−40
−35
−30
−25
−20
−15
−10
−5
50
100
150
200
250
300
350
400
450
500
550
IVAC (µA)
G007
0
0.5
1
1.5
2
2.5
3
3.5
4
0
2
4
6
8
10
12
14
16
18
20
VCC (V)
VCC Rising
VCC Falling
G004
64.4
64.8
65.2
65.6
66
66.4
66.8
67.2
−40 −25 −10
5
20
35
50
65
80
95
110 125
Temperature (°C)
G005
5
6
7
8
9
10
11
12
13
−40 −25 −10
5
20
35
50
65
80
95
110 125
UVLO Rising
UVLO Falling
Temperature (°C)
G001
18.5
18.6
18.7
18.8
18.9
19
19.1
19.2
−40 −25 −10
5
20
35
50
65
80
95
110 125
OVP Rising
OVP Falling
Temperature (°C)
G002
LM3447
www.ti.com
SNOSC65 A – APRIL 2012 – REVISED MAY 2012
TYPICAL CHARACTERISTICS
Unless otherwise stated, –40°C
≤ TA = TJ ≤ +125°C, VVCC = 14 V, VTSNS = 1.75V, VFLT2 = 1.75V, VAUX = 0.5V, VINV = 0V,
IVAC = 100 μA, IBIAS = 100μA, CVCC = 10 μF, CCOMP = 0.047 μF
Figure 1. VCC UVLO vs. Junction Temperature
Figure 2. VCC OVP vs. Junction Temperature
Figure 3. Operational IVCC vs.
Figure 4. Dimmer Angle Detect Threshold Current vs.
VCC Voltage
Junction Temperature
Figure 5. Hold MOSFET Turn-on Threshold Current vs.
Figure 6. Feedforward Source Current (IFF) vs. VAC Current
(IVAC)
Junction Temperature
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM3447



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com