Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3447MT/NOPB Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LM3447MT/NOPB
Description  Phase Dimmable, Primary Side Power Regulated PFC Flyback Controller for LED Lighting
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3447MT/NOPB Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM3447MT/NOPB Datasheet HTML 9Page - Texas Instruments LM3447MT/NOPB Datasheet HTML 10Page - Texas Instruments LM3447MT/NOPB Datasheet HTML 11Page - Texas Instruments LM3447MT/NOPB Datasheet HTML 12Page - Texas Instruments LM3447MT/NOPB Datasheet HTML 13Page - Texas Instruments LM3447MT/NOPB Datasheet HTML 14Page - Texas Instruments LM3447MT/NOPB Datasheet HTML 15Page - Texas Instruments LM3447MT/NOPB Datasheet HTML 16Page - Texas Instruments LM3447MT/NOPB Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
.
OUT
FLY IN
P
= η
P
,
2
2
2
2
IN(PK)
S
I N(RMS)
IN(RMS)
M
IN(AVG)
e
2
M
e
S
M
2
S
V
D T
V
V
2L
1
P
=
=
=
; R =
4
L
R
D T
2L
D T
æ
ö
ç
÷
ç
÷
è
ø
L
L
T
T
2
2
2
2
IN (PK)
S
2
IN (AVG)
in
in
L
L
M
L
0
0
V
D T
2
2
1
2
P
=
v (t)
i (t)dt =
sin (
t)dt;
T
T
2
L
T
´
ò
ò
p
,
S
2
in
in
P
S
T
M
v (t)
1
i (t) = Average (I )
=
D T
2 L
in
IN(PK)
L
2
v (t) = V
sin(
t),
T
p
in
REC
P(PK)
S
S
M
M
v (t)
v
(t)
I
=
DT =
DT , for
L
L
VREC
IP
IIN(AC)
TL
2TL
t
t
t
IP
IS
VSW
DTS
D2TS TS
2TS
3TS
IS(PK)
IP(PK)
t
t
t
(a) Over line period, T
L
(b) Over switching period, T
S
LM3447
www.ti.com
SNOSC65 A – APRIL 2012 – REVISED MAY 2012
POWER FACTOR CORRECTION
Figure 22. DCM Flyback PFC Waveforms
Power factor correction is performed by operating the Flyback converter in discontinuous conduction mode
(DCM). In this mode, the peak primary current, IP(PK) is given by
(1)
(2)
where vIN(t) is the input voltage, vREC = ||vin|| is the rectified input voltage, LM is the transformer magnetizing
inductance referred to the primary winding, D is the duty cycle, TS is the switching period and TL is the line
period. For a fixed switching frequency controller, if duty cycle D, is held constant over a line cycle, then the peak
primary current, IP(PK), varies in proportion to input voltage, vIN(t), as shown in Figure 22 (a). The resulting input
current, IIN, is obtained by averaging the area under primary current, IP, shown in Figure 22 (b),
(3)
is sinusoidal and in-phase with input voltage, vIN(t). As a result, the DCM Flyback converter behaves much like a
resistor and exhibits a power factor close to unity.
The input power, PIN(AVG) drawn by the Flyback PFC is derived by averaging the product of input voltage, vin(t)
and input current, iin(t), over half line cycle TL/2,
(4)
(5)
The low frequency behavior of the DCM Flyback is defined by an effective resistance, Re. The expression for
average input power is given by Equation 5 and is based on Re and the input RMS voltage VIN(RMS). For a single
stage Flyback PFC driver, the output power, POUT, delivered to the LED load is a function of the converter
efficiency,
ηFLY, and is given by
(6)
The average LED current through the string with forward voltage drop VLED = VOUT is
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM3447



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com