Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3447MT/NOPB Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LM3447MT/NOPB
Description  Phase Dimmable, Primary Side Power Regulated PFC Flyback Controller for LED Lighting
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3447MT/NOPB Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM3447MT/NOPB Datasheet HTML 5Page - Texas Instruments LM3447MT/NOPB Datasheet HTML 6Page - Texas Instruments LM3447MT/NOPB Datasheet HTML 7Page - Texas Instruments LM3447MT/NOPB Datasheet HTML 8Page - Texas Instruments LM3447MT/NOPB Datasheet HTML 9Page - Texas Instruments LM3447MT/NOPB Datasheet HTML 10Page - Texas Instruments LM3447MT/NOPB Datasheet HTML 11Page - Texas Instruments LM3447MT/NOPB Datasheet HTML 12Page - Texas Instruments LM3447MT/NOPB Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
−10.02
−10.015
−10.01
−10.005
−10
−9.995
−9.99
−9.985
−9.98
−40 −25 −10
5
20
35
50
65
80
95
110 125
Temperature (°C)
G018
0
3
6
9
12
15
18
Feedforward Source Current (µA)
G017
80
85
90
95
100
105
110
115
120
−40 −25 −10
5
20
35
50
65
80
95
110 125
Temperature (°C)
G016
0.998
0.9985
0.999
0.9995
1
1.0005
1.001
1.0015
1.002
−40 −25 −10
5
20
35
50
65
80
95
110 125
Temperature (°C)
G014
7.82
7.84
7.86
7.88
7.9
7.92
7.94
7.96
7.98
−40 −25 −10
5
20
35
50
65
80
95
110 125
Temperature (°C)
G015
LM3447
www.ti.com
SNOSC65 A – APRIL 2012 – REVISED MAY 2012
TYPICAL CHARACTERISTICS (continued)
Unless otherwise stated, –40°C
≤ TA = TJ ≤ +125°C, VVCC = 14 V, VTSNS = 1.75V, VFLT2 = 1.75V, VAUX = 0.5V, VINV = 0V,
IVAC = 100 μA, IBIAS = 100μA, CVCC = 10 μF, CCOMP = 0.047 μF
Figure 13. Thermal Foldback Thershold vs.
Figure 14. TSNS Internal Pull-up Resistor vs.
Junction Temperature
Junction Temperature
Figure 15. GM vs. Junction Temperature
Figure 16. Feedforward Source Current (IFF) Variation
(IVAC=100µA, Temperautre = 25°C)
Figure 17. Feedforward Source Current (IFF) vs.
Junction Temperature
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM3447



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com