Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320TCI100QGLZ Datasheet(PDF) 82 Page - Texas Instruments

Part # TMS320TCI100QGLZ
Description  FIXED-POINT DIGTAL SIGNAL PROCESSOR
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320TCI100QGLZ Datasheet(HTML) 82 Page - Texas Instruments

Back Button TMS320TCI100QGLZ Datasheet HTML 78Page - Texas Instruments TMS320TCI100QGLZ Datasheet HTML 79Page - Texas Instruments TMS320TCI100QGLZ Datasheet HTML 80Page - Texas Instruments TMS320TCI100QGLZ Datasheet HTML 81Page - Texas Instruments TMS320TCI100QGLZ Datasheet HTML 82Page - Texas Instruments TMS320TCI100QGLZ Datasheet HTML 83Page - Texas Instruments TMS320TCI100QGLZ Datasheet HTML 84Page - Texas Instruments TMS320TCI100QGLZ Datasheet HTML 85Page - Texas Instruments TMS320TCI100QGLZ Datasheet HTML 86Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 137 page
background image
TMS320TCI100Q
FIXEDPOINT DIGITAL SIGNAL PROCESSOR
SPRS251E − JUNE 2004 − REVISED JUNE 2006
82
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
INPUT AND OUTPUT CLOCKS (CONTINUED)
1
5
6
2
3
ECLKIN
ECLKOUT1
4
4
Figure 20. ECLKOUT1 Timing for EMIFA and EMIFB Modules
switching characteristics over recommended operating conditions for ECLKOUT2 for the EMIFA
and EMIFB modules†‡§ (see Figure 21)
NO.
PARAMETER
−850
UNIT
NO.
PARAMETER
MIN
MAX
UNIT
1
tJ(EKO2)
Period jitter, ECLKOUT2
0
±175¶
ps
2
tw(EKO2H)
Pulse duration, ECLKOUT2 high
0.5NE − 0.7
0.5NE + 0.7
ns
3
tw(EKO2L)
Pulse duration, ECLKOUT2 low
0.5NE − 0.7
0.5NE + 0.7
ns
4
tt(EKO2)
Transition time, ECLKOUT2
1
ns
5
td(EKIH-EKO2H)
Delay time, ECLKIN high to ECLKOUT2 high
3
8
ns
6
td(EKIH-EKO2L)
Delay time, ECLKIN high to ECLKOUT2 low
3
8
ns
† The reference points for the rise and fall transitions are measured at VOL MAX and VOH MIN.
‡ These C64x devices have two EMIFs (64-bit EMIFA and 16-bit EMIFB). All EMIFA signals are prefixed by an “A” and all EMIFB signals are
prefixed by a “B”. Throughout the rest of this document, in generic EMIF areas of discussion, the prefix “A” or “B” may be omitted.
§ E = the EMIF input clock (ECLKIN, CPU/4 clock, or CPU/6 clock) period in ns for EMIFA or EMIFB.
N = the EMIF input clock divider; N = 1, 2, or 4.
¶ This cycle-to-cycle jitter specification was measured with CPU/4 or CPU/6 as the source of the EMIF input clock.
5
6
ECLKIN
ECLKOUT2
3
2
4
4
1
Figure 21. ECLKOUT2 Timing for the EMIFA and EMIFB Modules



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com