Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS65166 Datasheet(PDF) 21 Page - Texas Instruments

Part # TPS65166
Description  Compact LCD Bias Supply for TFT-LCD TV Panels
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65166 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPS65166 Datasheet HTML 17Page - Texas Instruments TPS65166 Datasheet HTML 18Page - Texas Instruments TPS65166 Datasheet HTML 19Page - Texas Instruments TPS65166 Datasheet HTML 20Page - Texas Instruments TPS65166 Datasheet HTML 21Page - Texas Instruments TPS65166 Datasheet HTML 22Page - Texas Instruments TPS65166 Datasheet HTML 23Page - Texas Instruments TPS65166 Datasheet HTML 24Page - Texas Instruments TPS65166 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 41 page
background image
Input Capacitor Selection
Boost Converter Design Procedure
in
out
in
out
swpeak
out
in
swpeak
V
1. Converter Duty Cycle:
D = 1
V
V
D
2. Maximum output current: I
= I
(1 D)
2fs
L
I
V
D
3. Peak switch current:
I
=
+
2fs
L
1 D
´ h
-
´
æ
ö
-
´ -
ç
÷
´
è
ø
´
´
-
(9)
Inductor Selection (Boost Converter)
TPS65166
www.ti.com.......................................................................................................................................................................................... SLVS976 – SEPTEMBER 2009
For good input voltage filtering, low ESR ceramic capacitors are recommended. All input voltages (AVIN, VIN1,
2, 3) are shorted internally. It is recommended to short AVIN, VIN1, and VIN2 externally on the PCB by a thick
conducting path to avoid high currents between the VIN pins inside the device and to place two 10
µF input
capacitors as close as possible to these pins. Another 10
µF input capacitor should be placed close to VIN3. For
better input voltage filtering the input capacitor values can be increased. If it is not possible to place the 10
µF
capacitors close to the device, it is recommended to add an additional 1
µF or 4.7µF capacitor which should be
placed next to the input pins. To reduce power losses at the external isolation switch, a filter capacitor C3 at the
input terminal of the inductor is required. To minimize possible audible noise problems, two 10
µF capacitors in
parallel are recommended. More capacitance further reduces the ripple current across the isolation switch. See
Table 2 for input capacitor selection.
Table 2. Input Capacitor Selection
CAPACITOR
COMPONENT SUPPLIER
10
µF/16V
Murata, GRM31CR71C106KAC7
10
µF/16V
Taiyo Yuden, EMK325BJ106MN
10
µF/16V
Murata, GRM31CR61C106KA88
The first step in the design procedure is to verify whether the maximum possible output current of the boost
converter supports the specific application requirements. To simplify the calculation, the fastest approach is to
estimate the converter efficiency by taking the efficiency numbers from the provided efficiency curves or to use a
worst case assumption for the expected efficiency, e.g., 90%. The calculation must be made with the minimum
assumed input voltage where peak switch current is the highest. The inductor and external Schottky diode has to
be able to handle this current.
With,
Iswpeak = Converter peak switch current (minimum switch current limit = 4.2 A)
fs = Converter switching frequency (typical 750 kHz)
L = Selected inductor value
η = Estimated converter efficiency (use the number from the efficiency curves or 0.9 as an assumption)
The boost converter is able to operate with 6.8
µH to 15µH inductors, a 10µH inductor is typical. The main
parameter for inductor selection is the saturation current of the inductor, which should be higher than the peak
switch current as calculated in the Design Procedure section with additional margin to cover for heavy load
transients. The alternative more conservative approach is to choose an inductor with saturation current at least
as high as the minimum switch current limit of 4.2A. Another important parameter is the inductor dc resistance.
Usually the lower the dc resistance the higher the efficiency. For a boost converter where the inductor is the
energy storage element, the type and core material of the inductor influences the efficiency as well. The
efficiency difference among inductors can vary up to 10%. Possible inductors are shown in Table 3.
Table 3. Inductor Selection Boost Converter
INDUCTOR VALUE
COMPONENT SUPLIER
SIZE (L×W×H mm)
Isat/DCR
10
µH
Sumida CDRH103R
10.3 × 10.5 × 3.1
3.2 A/45 m
Ω
10
µH
Sumida CDRH8D38
8.3 × 8.3 × 4.0
3 A/38 m
Ω
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Link(s): TPS65166



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com