Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS65166 Datasheet(PDF) 29 Page - Texas Instruments

Part # TPS65166
Description  Compact LCD Bias Supply for TFT-LCD TV Panels
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65166 Datasheet(HTML) 29 Page - Texas Instruments

Back Button TPS65166 Datasheet HTML 25Page - Texas Instruments TPS65166 Datasheet HTML 26Page - Texas Instruments TPS65166 Datasheet HTML 27Page - Texas Instruments TPS65166 Datasheet HTML 28Page - Texas Instruments TPS65166 Datasheet HTML 29Page - Texas Instruments TPS65166 Datasheet HTML 30Page - Texas Instruments TPS65166 Datasheet HTML 31Page - Texas Instruments TPS65166 Datasheet HTML 32Page - Texas Instruments TPS65166 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 41 page
background image
Inductor Selection (Buck-Boost Converter)
Rectifier Diode Selection (Buck-Boost Converter)
Output Capacitor Selection (Buck-Boost Converter)
Positive Charge Pump Regulator (VONE)
TPS65166
www.ti.com.......................................................................................................................................................................................... SLVS976 – SEPTEMBER 2009
The buck-boost converter is able to operate with 10
µH to 47µH inductors, a 22µH inductor is typical. The main
parameter for inductor selection is the saturation current of the inductor which should be higher than the peak
switch current as calculated in the Design Procedure section with additional margin to cover for heavy load
transients. The alternative more conservative approach is to choose an inductor with saturation current at least
as high as the minimum switch current limit of 1.1A. Another important parameter is the inductor dc resistance.
Usually the lower the dc resistance the higher the efficiency. The type and core material of the inductor
influences the efficiency as well. The efficiency difference among inductors can vary up to 5%. Possible inductors
are listed in Table 10.
Table 10. Inductor Selection Buck-Boost Converter
INDUCTOR VALUE
COMPONENT SUPPLIER
SIZE (LxWxH mm)
Isat/DCR
22
µH
Sumida CDRH3D23/HP
4.0 × 4.0 × 2.5
0.8A/306m
Ω
22
µH
Sumida CDRH4D22/HP
5.0 × 5.0 × 2.4
1.1A/214m
Ω
22
µH
Sumida CDH3D13D/SHP
3.2 × 3.2 × 1.5
0.6A/753m
Ω
To achieve high efficiency, a Schottky diode should be used. The reverse voltage rating should be higher than
the maximum output voltage of the buck-boost converter. The average rectified forward current, Iavg, the Schottky
diode needs to be rated for, is equal to the output current, Iout.
Iavg = Iout
(33)
Usually a Schottky diode with a 500mA maximum average rectified forward current rating is sufficient for most
applications. The Schottky rectifier can be selected with lower forward current capability depending on the output
current Iout, but has to be able to dissipate the power. The dissipated power is the average rectified forward
current times the diode forward voltage. The efficiency rises with lower forward voltage.
PD = Iavg × Vforward
(34)
Table 11. Rectifier Diode Selection (Buck-Boost Converter)
Vr/Iavg
Vforward
RθJA
SIZE
COMPONENT SUPPLIER
40V/0.5A
0.43V at 0.5A
206°C/W
SOD-123
MBR0540, Vishay Semiconductor
40V/1A
0.42V at 0.5A
88°C/W
SMA
SS14, Fairchild Semiconductor
For the best output voltage filtering, low ESR ceramic capacitors are recommended. One 22
µF or two 10µF
output capacitors with sufficient voltage ratings in parallel are adequate for most applications. Additional
capacitors can be added to improve load transient regulation. See Table 12 for output capacitor selection.
Table 12. Output Capacitor Selection (Buck-Boost Converter)
CAPACITOR
COMPONENT SUPPLIER
22
µF/25V
Murata, GRM32ER61E226KE15
10
µF/25V
Murata, GRM31CR61E106KA12
10
µF/50V
Taiyo Yuden, UMK325BJ106MM
This output rail is required to power the scan driver and is generated with a charge pump doubler stage running
from Vs and using the switch node of the boost converter. The external PNP transistor regulates the output
voltage to the programmed voltage set by the feedback resistor divider. Power dissipation and average collector
current of the transistor must be taken into consideration when choosing a suitable transistor. Also the power
dissipation of the resistor R12 must be considered.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
29
Product Folder Link(s): TPS65166



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com