Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS65166 Datasheet(PDF) 23 Page - Texas Instruments

Part # TPS65166
Description  Compact LCD Bias Supply for TFT-LCD TV Panels
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65166 Datasheet(HTML) 23 Page - Texas Instruments

Back Button TPS65166 Datasheet HTML 19Page - Texas Instruments TPS65166 Datasheet HTML 20Page - Texas Instruments TPS65166 Datasheet HTML 21Page - Texas Instruments TPS65166 Datasheet HTML 22Page - Texas Instruments TPS65166 Datasheet HTML 23Page - Texas Instruments TPS65166 Datasheet HTML 24Page - Texas Instruments TPS65166 Datasheet HTML 25Page - Texas Instruments TPS65166 Datasheet HTML 26Page - Texas Instruments TPS65166 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 41 page
background image
Buck Converter
SW3
VIN1
Control
Logic
FB2
Current
Comparator
Error
Amplifier
N-MOS
SW4
VIN2
CurrentSampling
&
SlopeCompenation
1.24 V
1.24 V
+ 15%
Overvoltage
Comparator
750 kHz
Oscillator
Logic
Clock / 2
Clock / 4
Clock
Clockselectionforshortcircuit
andSoftstart
0.8 V
0.4 V
CurrentLimit
&
Softstart
Soft-Start (Buck Converter)
Buck Converter Design Procedure
TPS65166
www.ti.com.......................................................................................................................................................................................... SLVS976 – SEPTEMBER 2009
The non-synchronous current mode buck converter operates at fixed frequency PWM operation. The converter
drives an internal N-channel MOSFET switch with an internal bootstrap capacitor. The output voltage can be set
between 2.5V and 3.3V by an external feedback divider. If the feedback voltage FB2 is 15% above the reference
voltage of 1.24V the converter stops switching and starts switching again if the FB2 voltage falls below the
threshold. For 3.3V output voltage the overvoltage lockout is approximately 3.8 V.
Figure 26. Buck Converter Block Diagram
To avoid high inrush current during start-up, an internal soft-start is implemented. When the buck converter is
enabled, its current limit is reduced and it slowly rises (1ms to 2ms) to the switch current limit. For further inrush
current limitation, the switching frequency is reduced to 1/4 of the switching frequency fs until the feedback
voltage FB2 reaches 0.4V, then the switching frequency is set to 1/2 of fs until FB2 reaches 0.8V when the full
switching frequency fs (750kHz) is applied. See the internal Block diagram (Figure 26) for further explanation.
The soft-start is typically completed in 1ms to 2ms.
The first step in the design procedure is to verify whether the maximum possible output current of the buck
converter supports the specific application requirements. To simplify the calculation, the fastest approach is to
estimate the converter efficiency by taking the efficiency numbers from the provided efficiency curves or to use a
worst case assumption for the expected efficiency, e.g., 80%. The calculation must be for the maximum assumed
input voltage where the peak switch current is the highest. The inductor and external Schottky diode have to be
able to handle this current.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Link(s): TPS65166



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com