Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS65166 Datasheet(PDF) 32 Page - Texas Instruments

Part # TPS65166
Description  Compact LCD Bias Supply for TFT-LCD TV Panels
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65166 Datasheet(HTML) 32 Page - Texas Instruments

Back Button TPS65166 Datasheet HTML 28Page - Texas Instruments TPS65166 Datasheet HTML 29Page - Texas Instruments TPS65166 Datasheet HTML 30Page - Texas Instruments TPS65166 Datasheet HTML 31Page - Texas Instruments TPS65166 Datasheet HTML 32Page - Texas Instruments TPS65166 Datasheet HTML 33Page - Texas Instruments TPS65166 Datasheet HTML 34Page - Texas Instruments TPS65166 Datasheet HTML 35Page - Texas Instruments TPS65166 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 41 page
background image
Negative Shunt Regulator (Vss)
logic
out
FB3
FB3
logic
logic
V
R9
R9
R9
V
= V
+ (V
V
)
= 0.75
V
= 2.475V 0.825
R10
4
R10
R10
´
-
´
´
-
-
´
´
(42)
logic
logic
V
0.75
V
0.825 V
R10 =
=
10 k
80 A
80 A
-
´
»
W
m
m
(43)
out
logic
out
FB3
out
FB3
logic
logic
V
0.75
V
V
V
V
2.475 V
R9 =
R10 =
R10 =
R10
V
V
0.25
V
0.825 V
-
´
-
-
´
´
´
-
-
´
-
(44)
Discharge Resistor at VSS Output
(
)
(
dis
OFFE
SS
SS
dis
logic
dis
R
R9 + R10)
(V
V
R11 =
V
R
R9 + R10) V
R
´
´
-
´
+
-
´
(45)
Base1
FB3
Error Amplifier
¾Vref
5mA
max.
VSNS
Output Capacitor Selection (Negative Shunt Regulator)
TPS65166
SLVS976 – SEPTEMBER 2009.......................................................................................................................................................................................... www.ti.com
Vss is a shunt regulator that regulates the non-addressed TFT pixels to the programmed voltage. The pulldown
resistor R11 connected to VOFFE is required to provide accurate no load current regulation. A minimum current of
50
µA through the feedback divider provides good accuracy. Be aware of the negative value of V
ss for the
calculations.
If a discharge resistor Rdis at the VSS output is used to discharge the VSS node faster, the pull down resistor R11
connected to VOFFE must be calculated by following formula to achieve the programmed output voltage at VSS. A
smaller resistor to the calculated one must be used. For example for VSS = -7.5V, VOFFE = -11V and Rdis = 12kΩ
the calculated R11 = 4.98k
Ω and the resistor values 4.7kΩ, 4.3kΩ, and 4.0kΩ can be used.
Figure 32. Negative Shunt Regulator Block Diagram
For the best output voltage filtering, low ESR ceramic output capacitors are recommended. One 1
µF ceramic
output capacitor with a sufficient voltage rating is suitable for most applications. See Table 15 for output capacitor
selection.
Table 15. Output Capacitor Selection (Negative Shunt Regulator)
CAPACITOR
COMPONENT SUPPLIER
1
µF/25V
Murata, GRM21BR71E105KA99
1
µF/50V
Taiyo Yuden, UMK325BJ105KH
32
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): TPS65166



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com