Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS65166 Datasheet(PDF) 22 Page - Texas Instruments

Part # TPS65166
Description  Compact LCD Bias Supply for TFT-LCD TV Panels
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65166 Datasheet(HTML) 22 Page - Texas Instruments

Back Button TPS65166 Datasheet HTML 18Page - Texas Instruments TPS65166 Datasheet HTML 19Page - Texas Instruments TPS65166 Datasheet HTML 20Page - Texas Instruments TPS65166 Datasheet HTML 21Page - Texas Instruments TPS65166 Datasheet HTML 22Page - Texas Instruments TPS65166 Datasheet HTML 23Page - Texas Instruments TPS65166 Datasheet HTML 24Page - Texas Instruments TPS65166 Datasheet HTML 25Page - Texas Instruments TPS65166 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 41 page
background image
Rectifier Diode Selection (Boost Converter)
Output Capacitor Selection (Boost Converter)
Setting the Output Voltage (Boost Converter)
s
FB1
R1
R1
V
= V
1+
= 1.24 V
1+
R2
R2
æ
ö
æ
ö
´
´
ç
÷
ç
÷
è
ø
è
ø
(12)
F B1
V
1.24 V
R2 =
=
12 k
100
A
100
A
»
W
m
m
(13)
s
s
F B1
V
V
R1 = R2
1
= R2
1
V
1.24 V
æ
ö
æ
ö
´
-
´
-
ç
÷
ç
÷
è
ø
è
ø
(14)
TPS65166
SLVS976 – SEPTEMBER 2009.......................................................................................................................................................................................... www.ti.com
Table 3. Inductor Selection Boost Converter (continued)
INDUCTOR VALUE
COMPONENT SUPLIER
SIZE (L×W×H mm)
Isat/DCR
10
µH
Sumida CDRH104R
10.3 × 10.5 × 4.0
4.4 A/26 m
Ω
10
µH
Sumida CDRH8D43
8.3 × 8.3 × 4.5
4 A/29 m
Ω
To achieve high efficiency a Schottky diode should be used. The reverse voltage rating should be higher than the
maximum output voltage of the boost converter. The average rectified forward current Iavg, the Schottky diode
needs to be rated for, is equal to the output current Iout.
Iavg = Iout
(10)
Usually a Schottky diode with 2A maximum average rectified forward current rating is sufficient for most
applications. The Schottky rectifier can be selected with lower forward current capability depending on the output
current Iout, but has to be able to dissipate the power. The dissipated power is calculated according to the the
following equation:
PD = Iavg × Vforward
(11)
Table 4. Rectifier Diode Selection (Boost Converter)
Vr/Iavg
Vforward
RθJA
SIZE
COMPONENT SUPPLIER
20V/2A
0.44V at 2A
25°C/W
SMB
B220, DIODES Incorporated
20V/2A
0.44V at 2A
75°C/W
SMB
SL22, Vishay Semiconductor
20V/3A
0.44V at 3A
46°C/W
SMC
MBRS320, International Rectifier
For the best output voltage filtering, low ESR ceramic output capacitors are recommended. Three 22
µF or six
10
µF ceramic output capacitors with sufficient voltage rating in parallel are adequate for most applications.
Additional capacitors can be added to improve the load transient regulation. See Table 5 for output capacitor
selection.
Table 5. Output Capacitor Selection (Boost Converter)
CAPACITOR
COMPONENT SUPPLIER
22
µF/25V
Murata, GRM32ER61E226KE15
10
µF/25V
Murata, GRM31CR61E106KA12
10
µF/50V
Taiyo Yuden, UMK325BJ106MM
The output voltage is set by an external resistor divider. A minimum current of 100
µA through the feedback
divider provides good accuracy and noise covering. The resistors are calculated as:
22
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): TPS65166



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com