Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TNETA1570 Datasheet(PDF) 25 Page - Texas Instruments

Part # TNETA1570
Description  ATM SEGMENTATION AND REASSEMBLY DEVICE WITH INTEGRATED 64-BIT PCI-HOST INTERFACE
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETA1570 Datasheet(HTML) 25 Page - Texas Instruments

Back Button TNETA1570 Datasheet HTML 21Page - Texas Instruments TNETA1570 Datasheet HTML 22Page - Texas Instruments TNETA1570 Datasheet HTML 23Page - Texas Instruments TNETA1570 Datasheet HTML 24Page - Texas Instruments TNETA1570 Datasheet HTML 25Page - Texas Instruments TNETA1570 Datasheet HTML 26Page - Texas Instruments TNETA1570 Datasheet HTML 27Page - Texas Instruments TNETA1570 Datasheet HTML 28Page - Texas Instruments TNETA1570 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 68 page
background image
TNETA1570
ATM SEGMENTATION AND REASSEMBLY DEVICE
WITH INTEGRATED 64BIT PCIHOST INTERFACE
SDNS033B − JUNE 1995 − REVISED MAY 1996
25
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
PRINCIPLES OF OPERATION
a receive DMA channel uses the receive completion ring with or without interrupt. The difference between the
two rings is that when an entry is posted to the completion ring with interrupt, an interrupt is generated by the
TNETA1570. When an entry is posted to the completion ring without interrupt, an interrupt is not generated. An
entry to either ring is posted when the reassembly process is completed. The sizes of the receive completion
rings are variable and are set by the host at initialization by writing to the receive completion ring with/without
interrupt size registers located inside the TNETA1570.
The TNETA1570 allows the use of multiple buffers to store an incoming packet (receive-buffer chaining). When
a new packet arrives or a buffer used to store cells from an incoming packet is filled, the device obtains an empty
buffer from either the receive free-buffer ring or the free-buffer FIFO, depending upon the configuration of the
receive DMA channel that is reassembling the packet. The device allows up to 256 different receive free-buffer
rings to be set up in host memory. If the user chooses to use free-buffer FIFOs, a separate receive free-buffer
FIFO can be assigned to each receive DMA channel.
The receive data structures that reside in control memory are the receive DMA state table, the receive VPI/VCI
DMA pointer table, and the receive free-buffer ring-pointer table. The receive DMA state table contains the state
information associated with the reassembly of an incoming packet. This table contains a maximum of 30 720
entries. The receive VPI/VCI DMA pointer table provides the address to the receive DMA state table entry for
a particular receive channel. The free-buffer ring-pointer block contains the addressing for the receive
free-buffer rings, as well as the size of the buffers associated with each free-buffer ring.
Internal registers are used for the maximum RX DMA state-table size, RX unknown, RX FIFO free-buffer size,
RX completion-ring pointers, RX completion-ring size, and reassembly-global timer.
HOST MEMORY
Data buffers with descriptor entries
Data buffers with descriptor entries
RX completion ring with interrupt
RX completion ring with interrupt
RX completion ring without interrupt
RX completion ring without interrupt
RX free-buffer rings/receive free-buffer FIFOs
CONTROL MEMORY
RX DMA state table
RX DMA state table
RX VPI/VCI DMA pointer table
RX free-buffer ring pointers
RX VPI/VCI DMA pointer table
RX free-buffer ring pointers
internal registers
The TNETA1570 has several internal registers and counters for keeping statistics on selected parameters,
configuring the operation of the device, device status and interrupt masking, and for aging packets currently
undergoing reassembly. These registers are accessible by the host.
The internal registers and counters with some of their features are shown in the following table. A detailed
description can be found in the internal registers and counters section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com