Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TNETA1570 Datasheet(PDF) 60 Page - Texas Instruments

Part # TNETA1570
Description  ATM SEGMENTATION AND REASSEMBLY DEVICE WITH INTEGRATED 64-BIT PCI-HOST INTERFACE
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETA1570 Datasheet(HTML) 60 Page - Texas Instruments

Back Button TNETA1570 Datasheet HTML 56Page - Texas Instruments TNETA1570 Datasheet HTML 57Page - Texas Instruments TNETA1570 Datasheet HTML 58Page - Texas Instruments TNETA1570 Datasheet HTML 59Page - Texas Instruments TNETA1570 Datasheet HTML 60Page - Texas Instruments TNETA1570 Datasheet HTML 61Page - Texas Instruments TNETA1570 Datasheet HTML 62Page - Texas Instruments TNETA1570 Datasheet HTML 63Page - Texas Instruments TNETA1570 Datasheet HTML 64Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 68 page
background image
TNETA1570
ATM SEGMENTATION AND REASSEMBLY DEVICE
WITH INTEGRATED 64BIT PCIHOST INTERFACE
SDNS033B − JUNE 1995 − REVISED MAY 1996
60
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
PRINCIPLES OF OPERATION
SMALL_MAP (bit 6)
If the SMALL_MAP bit is set in the configuration register, address line CM_AD(14) is ORed in the TNETA1570
with address line CM_AD (13) and CM_AD (12) The SRAM needed is 16K x 32. If this option is chosen, a
maximum of 512 TX DMA states and 512 RX DMA states are used. Alternative control-memory map is used
to support small SRAM configuration.
EN_TX (bit 5)
The EN_TX bit allows the host to disable packet segmentation and any payload-data transfer from the host to
the link. It is set high to enable normal transmit processing and set to zero to disable such processing. It is set
to zero on reset, disabling transmit operation until various configuration registers, the scheduler table, and the
DMA blocks are configured by the host. The transfer of the new cells from PCI bus to TNETA1570 is inhibited
when the EN_TX bit is disabled; however, cells already in the output buffer are forwarded to the PHY layer. This
bit is set to zero by the TNETA1570 upon TX_FRZ condition and set high by the host allowing resumption of
normal operation.
EN_RX (bit 4)
The EN_RX bit allows the host to disable packet reassembly. All cells from the PHY layer are dropped when
the EN_RX bit is zero. The EN RX bit is set high to enable normal processing. It is set to zero on reset, disabling
receive operation until various configuration registers and the DMA blocks are reconfigured by the host. The
transfer of new cells from the ATM link to the receive buffer is inhibited when the EN_RX bit is disabled. This
bit is set to zero by the TNETA1570 upon RX_FRZ condition and set high by the host allowing resumption of
normal operation.
ENDN_EL (bits 3, 2)
The endian-select bits allows the host to configure the endian mode for TNETA1570 as shown below. The
TNETA1570 is configured for little-endian mode immediately after reset.
00 = little endian
01 = big endian
1X = reserved
BP_SEL (bit 1)
If interrupt is enabled, this bit selects the criteria used for the transmit-completion ring. When the
buffer-/packet-interrupt-select bit is set to high, an interrupt is generated by the TNETA1570 upon posting to the
transmit-completion ring on a per-packet basis. An interrupt is generated on a per-buffer basis when the bit is
set to low.
EN_RAT (bit 0)
When this bit is set high (=1), the reassembly-aging timer is enabled. The global-timer register and the maximum
RX DMA-state table-size register must be initialized for timer operation. When EN_RAT is set low
(= 0), no reassembly aging on any receive DMA channel occurs.
status register
This register contains information on the current operating state of the device. When an interrupt occurs, the
host can read this register to determine the cause of the interrupt. The lower ten bits (9 −0) are configured as
clear-on-read, (i.e., the contents of the lower ten bits of this register are cleared when the register is read). The
higher 22 bits (bits 31−0) remain unchanged on read. This register is read only and is accessed as a 32-bit word,
although not all 32 bits may be used. This register is cleared upon a hardware or software reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com