Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TNETA1570 Datasheet(PDF) 43 Page - Texas Instruments

Part # TNETA1570
Description  ATM SEGMENTATION AND REASSEMBLY DEVICE WITH INTEGRATED 64-BIT PCI-HOST INTERFACE
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETA1570 Datasheet(HTML) 43 Page - Texas Instruments

Back Button TNETA1570 Datasheet HTML 39Page - Texas Instruments TNETA1570 Datasheet HTML 40Page - Texas Instruments TNETA1570 Datasheet HTML 41Page - Texas Instruments TNETA1570 Datasheet HTML 42Page - Texas Instruments TNETA1570 Datasheet HTML 43Page - Texas Instruments TNETA1570 Datasheet HTML 44Page - Texas Instruments TNETA1570 Datasheet HTML 45Page - Texas Instruments TNETA1570 Datasheet HTML 46Page - Texas Instruments TNETA1570 Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 68 page
background image
TNETA1570
ATM SEGMENTATION AND REASSEMBLY DEVICE
WITH INTEGRATED 64BIT PCIHOST INTERFACE
SDNS033B − JUNE 1995 − REVISED MAY 1996
43
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
PRINCIPLES OF OPERATION
posted to the receive completion ring without interrupt, an interrupt is not generated. The receive completion
ring without interrupt must be polled by the host to determine if a packet has been posted to this descriptor ring.
Both rings use the same format. Each descriptor entry contains eight 32-bit words as described below.
The definitions of the fields in the word entries are given below:
word 0
ATM Header Byte 1
ATM Header Byte 2
ATM Header Byte 3
ATM Header Byte 4
This word provides the 4-byte ATM header from the last cell in the reassembled packet (unless there has been
a packet-aging time-out when the VPI/VCI value is provided in bits (31 −4), and bits (3 −0) are set to zero).
word 1
Error Indicator (bits 31 − 26)
Reserved (bits 25 −10)
Congestion-Cell Count (bits 9 − 0)
packet overflow (bit 31)
This entry is set by the TNETA1570 indicating that no EOP indicator was found in the packet being reassembled
before the packet-length entry in control memory exceeded its maximum value of 1366 (number of cells
received). This bit is valid only for AAL5 packets.
CRC-error condition (bit 30)
This bit is set by the TNETA1570 when the CRC value calculated on the incoming packet does not match the
CRC value contained in the AAL5 trailer. This bit is valid only for AAL5 packets.
buffer starvation (bit 29)
This bit is set by the TNETA1570 when reassembly of a packet is terminated because no receive free buffers
are available.
reassembly time-out (bit 28)
This bit is set by the TNETA1570 when the reassembly-aging timer reaches its maximum value before an EOP
indication occurs on an incoming packet.
abort condition (bit 27)
This bit is set by the TNETA1570 when the AAL5-length field of the incoming packet is set to zero. This bit is
valid only for AAL5 packets.
AAL5 indicator (bit 26)
This bit is set by the TNETA1570 to indicate that the received packet is an AAL5 packet. The
packet-type-indicator bits in word 0 of the receive DMA state table entry determine whether a packet is an AAL5
packet.
congestion-cell count (bits 9 −0)
This field is copied directly from the upper ten bits of word 0 of the RX DMA state table and contains the number
of cells received with the EFCN indicator set. The EFCN indication is given by a value of 01x in the PTI field
of the ATM header.
word 2
VALID (bit 31)
Reserved (bit 30)
Start-of-Packet Pointer (bits 29 − 0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com