Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TNETA1570 Datasheet(PDF) 51 Page - Texas Instruments

Part # TNETA1570
Description  ATM SEGMENTATION AND REASSEMBLY DEVICE WITH INTEGRATED 64-BIT PCI-HOST INTERFACE
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETA1570 Datasheet(HTML) 51 Page - Texas Instruments

Back Button TNETA1570 Datasheet HTML 47Page - Texas Instruments TNETA1570 Datasheet HTML 48Page - Texas Instruments TNETA1570 Datasheet HTML 49Page - Texas Instruments TNETA1570 Datasheet HTML 50Page - Texas Instruments TNETA1570 Datasheet HTML 51Page - Texas Instruments TNETA1570 Datasheet HTML 52Page - Texas Instruments TNETA1570 Datasheet HTML 53Page - Texas Instruments TNETA1570 Datasheet HTML 54Page - Texas Instruments TNETA1570 Datasheet HTML 55Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 68 page
background image
TNETA1570
ATM SEGMENTATION AND REASSEMBLY DEVICE
WITH INTEGRATED 64BIT PCIHOST INTERFACE
SDNS033B − JUNE 1995 − REVISED MAY 1996
51
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
PRINCIPLES OF OPERATION
configuration space definition (continued)
ADDRESS
BYTE 3
BYTE 2
BYTE 1
BYTE 0
READ/WRITE
0x00
Device ID
Vendor ID
R
0x04
Status
Command
R/W
0x08
Class code
Revision ID
R
0x0C
BIST
Header type
Latency timer
Cache-line size†
R/W
0x10
Base address 0
R/W
0x14
Base address 1†
R/W
0x18
Base address 2†
R/W
0x1C
Base address 3†
R/W
0x20
Base address 4†
R/W
0x24
Base address 5†
R/W
0x28
Reserved (returns 0 when read)
—
0x2C
Reserved (returns 0 when read)
—
0x30
Expansion-ROM base address
R/W
0x34
Reserved (returns 0 when read)
—
0x38
Reserved (returns 0 when read)
—
0x3C
Maximum latency
Minimum grant
Interrupt pin
Interrupt line
R/W
0x40
Reserved
Reserved
Reserved
Reserved
R/W
0x44 − 0xFF
Reserved (returns 0 when read)
R
† Optional registers not implemented that return 0 when read
device-identification registers
The system software identifies installed PCI peripherals using the vendor-ID, device-ID, revision-ID, and
class-code registers. The registers used for device identification are described below.
REGISTER
DESCRIPTION
HARDWIRED
VALUE
Vendor lD
Uniquely identifies the manufacturer of the device. Vendor ID is specified by the PCI-special-interest
group to ensure uniqueness.
104Ch
Device ID
Identifies a specific device from the manufacturer. The device ID is specified by the manufacturer.
A001h
Revision ID
Identifies a revision of the specific device. The revision ID is specified by the manufacturer.
00h
Class code
Identifies the generic function of the device
02h
Sub-class code
80h
Header type
Identifies the layout of bytes 10h through 3F and whether the device is single or multifunction
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com