Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TNETA1570 Datasheet(PDF) 37 Page - Texas Instruments

Part # TNETA1570
Description  ATM SEGMENTATION AND REASSEMBLY DEVICE WITH INTEGRATED 64-BIT PCI-HOST INTERFACE
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETA1570 Datasheet(HTML) 37 Page - Texas Instruments

Back Button TNETA1570 Datasheet HTML 33Page - Texas Instruments TNETA1570 Datasheet HTML 34Page - Texas Instruments TNETA1570 Datasheet HTML 35Page - Texas Instruments TNETA1570 Datasheet HTML 36Page - Texas Instruments TNETA1570 Datasheet HTML 37Page - Texas Instruments TNETA1570 Datasheet HTML 38Page - Texas Instruments TNETA1570 Datasheet HTML 39Page - Texas Instruments TNETA1570 Datasheet HTML 40Page - Texas Instruments TNETA1570 Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 68 page
background image
TNETA1570
ATM SEGMENTATION AND REASSEMBLY DEVICE
WITH INTEGRATED 64BIT PCIHOST INTERFACE
SDNS033B − JUNE 1995 − REVISED MAY 1996
37
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
PRINCIPLES OF OPERATION
entries of receive DMA state table
The definitions of the fields within each word entry are given below:
word 0
Config (bits 31 − 25)
Reserved (bits 24 − 22)
EFCN Cell Counter (bits 21 − 11)
Current-Packet Length (bits 10 − 0)
ACT (ACTive) (bit 31)
This bit is set by the TNETA1570 to indicate that this DMA channel is active and a packet reassembly is currently
underway. This bit is cleared by the TNETA1570 when the EOP bit is detected and the reassembly of a packet
is complete.
reserved (bit 30)
receive complete-interrupt posting (bit 29)
When this bit is set, the receive completion ring with interrupt is used for posting a completion notice when
reassembly of a packet is complete. When this bit is cleared, the receive completion ring without interrupt is
used. This bit must be initialized by the host.
wait for EOP (bit 28)
This bit is set by the TNETA1570 when either a packet time-out or packet overflow condition is detected. All
packet reassembly is then disabled until an EOP cell is detected. This bit also is set if a free buffer is not available
for reassembling an incoming packet. The TNETA1570 clears this bit when the cell containing the EOP
indication is received.
packet-type indicator (bits 27 and 26)
These bits are set by the host to indicate whether AAL5, PTI-based transparent-AAL, or counter-based
transparent-AAL processing is performed on the incoming packet. The following values are defined for these
bits:
BIT 27
BIT 26
INDICATION
0
0
PTI-based transparent-AAL packet
0
1
AAL5 packet
1
0
Counter-based transparent-AAL packet
1
1
Invalid
FIFO/free-buffer ring indicator (bit 25)
This bit is set by the host to indicate that the TNETA1570 uses the FIFO structure to fetch free buffers for this
receive channel. When this bit is cleared by the host, the TNETA1570 uses the free-buffer-ring structure to fetch
free buffers for this receive channel.
EFCN-cell counter (bits 21−11)
This field counts the number of cells that are received with the explicit forward congestion notification indicator
(EFCN) in the PTI bits set (i.e., the PTI field is set to 01x). This field is cleared after reassembly of a packet is
complete. This field is updated by the TNETA1570. The counter value is one greater than the actual value
(actual + l), if the TNETA1570 experiences buffer starvation and the last received cell has the EFCN flag set.
current-packet length (bits 10 −0)
This field counts the number of cells received on this DMA channel. If the value in this field exceeds 1366 cells
before an EOP cell is detected, a packet-overflow error occurs, bit 28 is set, and EOP processing is initiated.
This field is only valid for AAL5 packets.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com