Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XTNETA1570MFP Datasheet(PDF) 22 Page - Texas Instruments

Part # XTNETA1570MFP
Description  ATM SEGMENTATION AND REASSEMBLY DEVICE WITH INTEGRATED 64-BIT PCI-HOST INTERFACE
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

XTNETA1570MFP Datasheet(HTML) 22 Page - Texas Instruments

Back Button XTNETA1570MFP Datasheet HTML 18Page - Texas Instruments XTNETA1570MFP Datasheet HTML 19Page - Texas Instruments XTNETA1570MFP Datasheet HTML 20Page - Texas Instruments XTNETA1570MFP Datasheet HTML 21Page - Texas Instruments XTNETA1570MFP Datasheet HTML 22Page - Texas Instruments XTNETA1570MFP Datasheet HTML 23Page - Texas Instruments XTNETA1570MFP Datasheet HTML 24Page - Texas Instruments XTNETA1570MFP Datasheet HTML 25Page - Texas Instruments XTNETA1570MFP Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 68 page
background image
TNETA1570
ATM SEGMENTATION AND REASSEMBLY DEVICE
WITH INTEGRATED 64BIT PCIHOST INTERFACE
SDNS033B − JUNE 1995 − REVISED MAY 1996
22
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
PRINCIPLES OF OPERATION
segmentation overview (continued)
The second method for transmitting a transparent-AAL packet differs from the first method only in that the PTI
bits in the last cell of the packet are not modified. The PTI bits are transmitted as they occur in the descriptor
entry for all cells in the packet. This method can be used to transmit VC-level OAM cells, which are single cell
packets that set the PTI bits to a value of l0x.
After segmenting the contents of a buffer, the current-data-byte count for the DMA entry is set to zero. The OWN
bit of the next entry of the completion ring selected for the channel is examined. If the entry is owned by the host,
the transmit-freeze bit in the status register is set and an interrupt is generated. Otherwise, a pointer to the start
of the buffer is placed in the entry.
The size of the internal transmit FIFO is four cells. The UTOPIA interface for the segmentation unit can operate
asynchronous to the PCI bus as cells are read from the transmit buffer in 8-bit bytes. The HEC byte for the ATM
header is calculated byte wise and inserted in the fifth-header octet as a cell is read. When the HEC error bit
in the configuration register is set, the HEC byte is inverted prior to being inserted into the outgoing byte stream
for test purposes. The segmentation UTOPIA bus implements parity generation.
reassembly overview
For reassembly operation, the host must allocate memory for the following memory data structures: data buffers
with descriptor entries, completion ring with/without interrupt pointers, the receive-free buffer rings/receive-free
buffer FIFO, the RX VPI/VCI DMA pointer table, and a DMA state table entry for each VCI. The TNETA1570
registers, which need to be initialized by the host for reassembly, are the configuration register, the
interrupt-mask register, the reassembly-global-timer register, the RX DMA-state-table register, the completion
ring with/without interrupt-size register, and the FIFO free-buffer-size register.
Free buffers are fetched using either the receive free-buffer ring or the receive free-buffer FIFO. If the free-buffer
rings are used, the lower eight bits of word 6 of the DMA state table entry are read to obtain the index for the
free-buffer rings. The index points to one of the 256 entries in the free-buffer-ring-pointer table. Each entry
contains the base address of each free-buffer ring, as well as the buffer size, the ring size, and the current index.
If the free-buffer FIFO is used, a read on the address in word 6 of the DMA state table provides the starting
address of a free buffer.
If the receive free-buffer-ring method is used, the host sets the OWN bit of a completion-ring entry to indicate
that the buffer is available for use by the TNETA1570. If no free buffers are available, buffer starvation occurs
and the reassembly of the packet is terminated.
The completion ring with/without interrupt is initialized by the host in the DMA state table entry. If a completion
ring with interrupt entry is posted and the TNETA 1570 interrupt-mask register allows, an interrupt is generated
on the PCI bus and an interrupt indication is placed in the status register. A bit in the configuration register can
be set so that an interrupt is posted at the completion of the segmentation of either a packet or a buffer.
The VPI of an incoming cell is used as an index into the VPI/VCI DMA pointer-table entry, which resides in control
memory. The information in the VPI/VCI DMA pointer table is used to determine if the VPI is enabled to receive
packets and if the VCI is within the valid range for the corresponding VPI. The index value in the VPI/VCI pointer
table together with the VCI value of the ATM cell are used to form the address of the DMA state-table entry for
that particular VCI. If a VCI is found to be out of range, an interrupt is generated.
If the PTI value of the incoming cell is 100, the cell is an OAM F5-segment cell. If the PTI value of the incoming
cell is 101, the cell is an OAM F5 end-to-end cell. Both OAM cells are routed to DMA channel 0. If the PTI value
is 110 or 111, the cell is routed to DMA channel 1. If the VCI value of the incoming cell is three, the cell is an
OAM F4 segment cell. If the VCI value of the incoming cell is four, the cell is an OAM F4 end-to-end cell and
both F4 OAM cells are routed to channel 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com