Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XTNETA1570MFP Datasheet(PDF) 66 Page - Texas Instruments

Part # XTNETA1570MFP
Description  ATM SEGMENTATION AND REASSEMBLY DEVICE WITH INTEGRATED 64-BIT PCI-HOST INTERFACE
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

XTNETA1570MFP Datasheet(HTML) 66 Page - Texas Instruments

Back Button XTNETA1570MFP Datasheet HTML 60Page - Texas Instruments XTNETA1570MFP Datasheet HTML 61Page - Texas Instruments XTNETA1570MFP Datasheet HTML 62Page - Texas Instruments XTNETA1570MFP Datasheet HTML 63Page - Texas Instruments XTNETA1570MFP Datasheet HTML 64Page - Texas Instruments XTNETA1570MFP Datasheet HTML 65Page - Texas Instruments XTNETA1570MFP Datasheet HTML 66Page - Texas Instruments XTNETA1570MFP Datasheet HTML 67Page - Texas Instruments XTNETA1570MFP Datasheet HTML 68Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 66 / 68 page
background image
TNETA1570
ATM SEGMENTATION AND REASSEMBLY DEVICE
WITH INTEGRATED 64BIT PCIHOST INTERFACE
SDNS033B − JUNE 1995 − REVISED MAY 1996
66
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
PRINCIPLES OF OPERATION
ATM-cells-received counter
This 32-bit counter counts the number of ATM cells received and not dropped. This rollover counter causes a
bit in the status register to be set on rollover. This counter is read only and is cleared when a hardware or
software reset occurs. This counter does not clear on a read by the host.
ATM-cells-transmitted counter
This 32-bit counter counts the number of ATM cells actually transmitted. This rollover counter causes a bit in
the status register to be set on rollover. This counter is read only and is cleared when a hardware or software
reset occurs. This counter does not clear on a read by the host.
control-memory maps
normal control-memory map
Control memory is broken into three sections: pointer block, transmit section and receive section. The pointer
block contains the pointers to the receive free-buffer rings and the transmit and receive completion rings. The
transmit section contains the scheduler table and the transmit DMA state table. The receive section contains
the receive VPI/VCI DMA pointer table and the receive DMA state table. The mapping of these blocks into
control memory is shown in the following table.
MEMORY BLOCK
SIZE
(in 32-bit words)
CONTROL-MEMORY
ADDRESS (hex)
PCl OFFSET
ADDRESS (hex)
Scheduler Table
3100
00000 − 00C1B
00000 − 0306C
Reserved
228
00C1C − 00CFF
03070 − 033FC
Reserved
256
00D00 − 00DFF
03400 − 037FC
Free-Buffer Pointers
512
00E00 − 00FFF
03800 − 03FFC
RX VPI/VCI DMA
Pointer Table
4,096
01000 − 0IFFF
04000 − 07FFC
Reserved
8
02000 − 02007
08000 − 0801C
TX DMA State Table
8,184
02008 − 03FFF
08020 − 0FFFC
RX DMA State Table
245,760
04000 − 3FFFF
10000 − FFFFC
The memory mapping is designed to make it possible for users to design the application boards to support the
number of TX DMA states and RX DMA states used with a minimum number of SRAMs. This is achieved by
choosing the start address of the TX DMA state table and the RX DMA state table on even boundaries.
small SRAM control-memory map
If the SMALL_MAP bit is set in the configuration register (if a maximum of 512 TX DMA states and 512 RX DMA
states are to be used), address line CM AD (14) is ORed in the TNETA1570 with address line CM AD (13) and
CM AD (12). The SRAM needed is 16K
× 32.The hardware interprets address 04000−04FFF as address
03000 −03FFF creating the following control-memory map:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com