Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XTNETA1570MFP Datasheet(PDF) 41 Page - Texas Instruments

Part # XTNETA1570MFP
Description  ATM SEGMENTATION AND REASSEMBLY DEVICE WITH INTEGRATED 64-BIT PCI-HOST INTERFACE
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

XTNETA1570MFP Datasheet(HTML) 41 Page - Texas Instruments

Back Button XTNETA1570MFP Datasheet HTML 37Page - Texas Instruments XTNETA1570MFP Datasheet HTML 38Page - Texas Instruments XTNETA1570MFP Datasheet HTML 39Page - Texas Instruments XTNETA1570MFP Datasheet HTML 40Page - Texas Instruments XTNETA1570MFP Datasheet HTML 41Page - Texas Instruments XTNETA1570MFP Datasheet HTML 42Page - Texas Instruments XTNETA1570MFP Datasheet HTML 43Page - Texas Instruments XTNETA1570MFP Datasheet HTML 44Page - Texas Instruments XTNETA1570MFP Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 68 page
background image
TNETA1570
ATM SEGMENTATION AND REASSEMBLY DEVICE
WITH INTEGRATED 64BIT PCIHOST INTERFACE
SDNS033B − JUNE 1995 − REVISED MAY 1996
41
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
PRINCIPLES OF OPERATION
receive free-buffer FIFO (continued)
The FIFO/free-buffer ring entry consists of one 32-bit word as shown below:
ENTRY
DESCRIPTION
Word 0
Control, free-buffer pointer
The definitions of the fields contained in each word entry are given below:
word 0
Control (bits 31 − 30)
Start-of-Next-Data-Buffer Pointer (bits 29 − 0)
OWN (bit 31)
This bit is set by the host to indicate that the buffer is available for use by the TNETA1570. The TNETA1570
uses the free-ring entry if the OWN bit is set. If the OWN bit is not set, buffer starvation occurs. The TNETA1570
clears the OWN bit after acquiring the buffer, releasing the ring location to the host. For the FIFO-based
mechanism, the TNETA1570 does not write back to the entry. The FIFO implementation must ensure that OWN
is set properly to indicate whether the entry in the free-buffer FIFO is valid or not.
reserved (bit 30)
start-of-next-data-buffer pointer (bits 29 −0)
This field contains the address of an available buffer, aligned on either a 32- or 64-bit boundary, depending upon
whether a 32- or 64-bit PCI interface is selected. Only the upper 30 bits of the address are written to this entry.
The lower two address bits are always zero.
receive data buffers
Addressing
New buffer using free-buffer rings. The address is stored in the RX free-buffer ring.
New buffer using free-buffer FIFO. The address is stored in the RX free-buffer FIFO.
Ongoing buffer: Address stored in RX DMA state table
Size
Min size: buffer descriptor + 48-byte payload data
Max size: buffer descriptor + 3145728-byte payload data
Buffers/packets
(buffer chains) supported
Max number of packets simultaneously being reassembled: 30720
Max number of queued free buffers on one RX free-buffer ring: 1024
Max number of queued free buffers on all RX free-buffer rings: 1024
× 256 = 262144
Max total number of queued free buffers on one RX free-buffer FIFO: limited by the FIFO size
The data-buffer-descriptor entry and the received user data are both placed in the data buffer as shown. The
data-buffer-descriptor entry consists of four 32-bit words and the user data contains (N x 48) bytes of
information, except for the last buffer in the chain; therefore, the total size of the data buffer, except for the last
buffer in the buffer chain, is (N x 48) + 16 bytes. The value of N is greater than zero. This requirement ensures
that all buffers except the last buffer in the chain contains an integral number of ATM-cell payloads. The buffer
size is user configurable from 48 byte to 3.1M byte of user data. The total receive-data buffer must be at least
64 bytes and contain at least 48 byte of data. The maximum total size is 3145726 bytes.
Data-buffer descriptor entry (four 32-bit words)
User information [(N x 48) bytes]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com