Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XTNETA1570MFP Datasheet(PDF) 24 Page - Texas Instruments

Part # XTNETA1570MFP
Description  ATM SEGMENTATION AND REASSEMBLY DEVICE WITH INTEGRATED 64-BIT PCI-HOST INTERFACE
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

XTNETA1570MFP Datasheet(HTML) 24 Page - Texas Instruments

Back Button XTNETA1570MFP Datasheet HTML 20Page - Texas Instruments XTNETA1570MFP Datasheet HTML 21Page - Texas Instruments XTNETA1570MFP Datasheet HTML 22Page - Texas Instruments XTNETA1570MFP Datasheet HTML 23Page - Texas Instruments XTNETA1570MFP Datasheet HTML 24Page - Texas Instruments XTNETA1570MFP Datasheet HTML 25Page - Texas Instruments XTNETA1570MFP Datasheet HTML 26Page - Texas Instruments XTNETA1570MFP Datasheet HTML 27Page - Texas Instruments XTNETA1570MFP Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 68 page
background image
TNETA1570
ATM SEGMENTATION AND REASSEMBLY DEVICE
WITH INTEGRATED 64BIT PCIHOST INTERFACE
SDNS033B − JUNE 1995 − REVISED MAY 1996
24
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
PRINCIPLES OF OPERATION
segmentation data structures
The transmit operation uses data structures that reside in both control memory, host memory, and internal
registers. Control memory is used to store dynamic parameters associated with the segmentation of a particular
packet, as well as configuration information for each individual transmit group that is initialized by the host at
startup. Control memory contains both dynamic and static parameters. Host memory contains the data buffers
that are to be segmented and the information required to begin segmentation of an individual data buffer into
ATM cells. The information contained in host memory is specific to the data buffers currently being transmitted
and is constantly being updated.
The transmit data structures that reside in host memory are the data buffers, which include the interrupt and
the associated descriptor information, and the transmit completion rings with/without packet-segmentation
rings. The transmit completion rings contain the addresses of the data buffers that have completed
segmentation and are used by the host to reclaim buffers. The host must decide at initialization whether a
transmit DMA channel uses the transmit completion ring with or without interrupt. The difference between the
two rings is that when an entry is posted to the completion ring with interrupt, an interrupt is generated by the
TNETA1570. When an entry is posted to the completion ring without interrupt, an interrupt is not generated. The
size of the transmit completion rings is variable and is set by the host at initialization by writing to the
transmit-completion-ring-size register located inside the TNETA1570.
The packet-segmentation rings are used to queue up packets for transmission. The location of the first buffer
in a packet that is to be transmitted is written into the segmentation-ring entry. Each packet-segmentation ring
has up to 256 entries. Since there is a separate packet-segmentation ring for each transmit DMA channel, there
is a maximum of 1023 segmentation rings in host memory.
The transmit data structures that reside in control memory are the scheduler table and the transmit DMA state
table. The scheduler table is used to schedule the different virtual connections and contains 3100 32-bit words
with two 16-bit entries per word. This provides a resolution of approximately 32 Kbit/s. The transmit DMA state
table contains the DMA-channel-state information. It has a maximum of 1023 entries.
Internal registers are used for the scheduler-table size, TX packet-segmentation-ring size, TX completion-ring
pointers, and the TX completion-ring size.
HOST MEMORY
Data buffers with descriptor entry
TX completion ring with interrupt
TX completion ring without interrupt
Packet-segmentation rings
CONTROL MEMORY
Scheduler table
TX DMA state table
reassembly data structures
The receive operation, as the transmit, uses data structures in both host memory and control memory to
reassemble incoming packets. The actual reassembly of a packet occurs in host memory; the device contains
only enough internal buffering to absorb the effects of bus transactions and availability. Control memory is used
to maintain the status and configuration information necessary to complete the reassembly of a packet.
The receive data structures that reside in host memory are the data buffers (including the descriptor
information), receive completion-rings with/without interrupt, and receive free-buffer rings (FIFOs). A receive
completion-ring entry contains the address of the first data buffer of a packet that has completed reassembly
and is used to notify the host that a packet has been received. The host must decide at initialization whether



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com