Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XTNETA1570MFP Datasheet(PDF) 38 Page - Texas Instruments

Part # XTNETA1570MFP
Description  ATM SEGMENTATION AND REASSEMBLY DEVICE WITH INTEGRATED 64-BIT PCI-HOST INTERFACE
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

XTNETA1570MFP Datasheet(HTML) 38 Page - Texas Instruments

Back Button XTNETA1570MFP Datasheet HTML 34Page - Texas Instruments XTNETA1570MFP Datasheet HTML 35Page - Texas Instruments XTNETA1570MFP Datasheet HTML 36Page - Texas Instruments XTNETA1570MFP Datasheet HTML 37Page - Texas Instruments XTNETA1570MFP Datasheet HTML 38Page - Texas Instruments XTNETA1570MFP Datasheet HTML 39Page - Texas Instruments XTNETA1570MFP Datasheet HTML 40Page - Texas Instruments XTNETA1570MFP Datasheet HTML 41Page - Texas Instruments XTNETA1570MFP Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 68 page
background image
TNETA1570
ATM SEGMENTATION AND REASSEMBLY DEVICE
WITH INTEGRATED 64BIT PCIHOST INTERFACE
SDNS033B − JUNE 1995 − REVISED MAY 1996
38
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
PRINCIPLES OF OPERATION
word 1
Current-Buffer Pointer (bits 31 − 0)
The current-buffer pointer is set by the TNETA1570 to a value equal to the start-of-buffer pointer plus four 32-bit
words when reassembly of a new buffer begins. After that, the pointer is adjusted to point to the current-data
location after each payload-data transfer to the host.
word 2
Reserved
Start-of-Buffer Pointer (bits 29 − 0)
Word 2 is copied from word 0 of the RX free-buffer-ring entry or RX free-buffer FIFO entry.
word 3
Current Transparent-AAL Packet Counter (bits 31−16)
Current-Buffer Length (bits 15 − 0)
current transparent-AAL packet counter (bits 31 −16)
This field is copied from word 5 bit (bits15 −0) (see word 5 definition) when the first cell of a transparent-AAL
packet arrives. This field is decremented every time a cell arrives until its value is equal to zero. Once this field’s
value reaches zero, EOP processing for a transparent-AAL packet is initiated. This field is used only if the
receive DMA channel is configured to receive counter-based transparent-AAL packets (i.e., bit 27 of receive
DMA state table entry word 0 has been set to a one and bit 26 has been set to a zero).
current-buffer length (bits 15 −0)
This field is copied either from word 1 of the RX free-buffer ring-pointer table entry or FIFO free-buffer-size
register, dependent upon whether the RX free-buffer descriptor ring or FIFO is utilized. This field is decremented
every time a cell is received until it reaches zero. If the EOP cell has not arrived at that time, a new buffer is
fetched from the free-buffer ring or FIFO.
word 4
Reserved
Start-of-Buffer Pointer (bits 29 − 0)
Word 4 is copied from word 0 of the receive free-buffer ring-pointer-table entry for only the first buffer in each
new packet. When the received packet is complete, this value is written to the receive complete-ring-descriptor
entry,
word 5 (AAL5 packets)
Partial-AAL5-Receive CRC (bits 31 − 0)
This field is used by the TNETA1570 to save the interim results of the 32-bit CRC for AAL5 packets when the
receive DMA channel is configured to receive AAL5 packets.
transparent-AAL packets using counter-based reassembly
Reserved (bits 31 − 16)
Transparent-AAL Packet Length (bits 15 − 0) (counter base only)
transparent-AAL packet length (bits 15 −0)
This field contains the number of cells that constitute a transparent-AAL packet when the receive DMA channel
has been configured to receive transparent-AAL packets using counter-based reassembly. This field must be
initialized by the host at startup.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com