Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SST58LD016 Datasheet(PDF) 20 Page - Silicon Storage Technology, Inc

Part # SST58LD016
Description  ATA-Disk Chip
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST58LD016 Datasheet(HTML) 20 Page - Silicon Storage Technology, Inc

Back Button SST58LD016 Datasheet HTML 16Page - Silicon Storage Technology, Inc SST58LD016 Datasheet HTML 17Page - Silicon Storage Technology, Inc SST58LD016 Datasheet HTML 18Page - Silicon Storage Technology, Inc SST58LD016 Datasheet HTML 19Page - Silicon Storage Technology, Inc SST58LD016 Datasheet HTML 20Page - Silicon Storage Technology, Inc SST58LD016 Datasheet HTML 21Page - Silicon Storage Technology, Inc SST58LD016 Datasheet HTML 22Page - Silicon Storage Technology, Inc SST58LD016 Datasheet HTML 23Page - Silicon Storage Technology, Inc SST58LD016 Datasheet HTML 24Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 40 page
background image
20
Data Sheet
ATA-Disk Chip
SST58SD008 / 016 / 024 / 032 / 048 / 064 / 096 / 128 / 192
SST58LD008 / 016 / 024 / 032 / 048 / 064 / 096 / 128 / 192
©2001 Silicon Storage Technology, Inc.
S71167-05-000
9/01
391
3.2.1.1 Check Power Mode - 98H or E5H
This command checks the power mode.
Because SST ADC can recover from sleep in 200 ns, Idle Mode is never enabled.
ADC sets BSY, sets the Sector Count Register to 00H, clears BSY and generates an interrupt.
3.2.1.2 Execute Drive Diagnostic - 90H
This command performs the internal diagnostic tests implemented by the ADC.
If the Drive bit is ignored and the diagnostic command is executed by both the Master and the Slave
with the Master responding with status for both devices.
The Diagnostic codes shown in Table 3-3 are returned in the Error Register at the end of the command.
Bit ->
76
54
32
10
Command (7)
98H or E5H
C/D/H (6)
XDrive
X
Cyl High (5)
X
Cyl Low (4)
X
Sec Num (3)
X
Sec Cnt (2)
X
Feature (1)
X
Bit ->
76
54
32
10
Command (7)
90H
C/D/H (6)
XDrive
X
Cyl High (5)
X
Cyl Low (4)
X
Sec Num (3)
X
Sec Cnt (2)
X
Feature (1)
X
TABLE
3-3: DIAGNOSTIC CODES
Code
Error Type
01H
No Error Detected
02H
Formatter Device Error
03H
Sector Buffer Error
04H
ECC Circuitry Error
05H
Controlling Microprocessor Error
8XH
Slave Error
T3-3.1 391



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com