Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SST58LD016 Datasheet(PDF) 29 Page - Silicon Storage Technology, Inc

Part # SST58LD016
Description  ATA-Disk Chip
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST58LD016 Datasheet(HTML) 29 Page - Silicon Storage Technology, Inc

Back Button SST58LD016 Datasheet HTML 25Page - Silicon Storage Technology, Inc SST58LD016 Datasheet HTML 26Page - Silicon Storage Technology, Inc SST58LD016 Datasheet HTML 27Page - Silicon Storage Technology, Inc SST58LD016 Datasheet HTML 28Page - Silicon Storage Technology, Inc SST58LD016 Datasheet HTML 29Page - Silicon Storage Technology, Inc SST58LD016 Datasheet HTML 30Page - Silicon Storage Technology, Inc SST58LD016 Datasheet HTML 31Page - Silicon Storage Technology, Inc SST58LD016 Datasheet HTML 32Page - Silicon Storage Technology, Inc SST58LD016 Datasheet HTML 33Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 40 page
background image
Data Sheet
ATA-Disk Chip
SST58SD008 / 016 / 024 / 032 / 048 / 064 / 096 / 128 / 192
SST58LD008 / 016 / 024 / 032 / 048 / 064 / 096 / 128 / 192
29
©2001 Silicon Storage Technology, Inc.
S71167-05-000
9/01
391
3.2.1.15 Set Features - EFH
This command is used by the host to establish or select certain features. Table 3-5 defines all features
that are supported.
Features 01H and 81H are used to enable and clear 8-bit data transfer mode. If the 01H feature
command is issued all data transfers will occur on the low order D7-D0 data bus and the IOIS16# signal
will not be asserted for data register accesses.
Features 55H and BBH are the default features for the ADC; thus, the host does not have to issue this
command with these features unless it is necessary for compatibility reasons.
Features 66H and CCH can be used to enable and disable whether the Power On Reset (POR)
Defaults will be set when a software Reset occurs.
Bit ->
76
54
32
10
Command (7)
EFH
C/D/H (6)
XDrive
X
Cyl High (5)
X
Cyl Low (4)
X
Sec Num (3)
X
Sec Cnt (2)
Config
Feature (1)
Feature
TABLE
3-5: FEATURES SUPPORTED
Feature
Operation
01H
Enable 8-bit data transfers.
55H
Disable Read Look Ahead.
66H
Disable Power on Reset (POR) establishment of defaults at software Reset.
69H
NOP - Accepted for backward compatibility.
81H
Disable 8-bit data transfer.
96H
NOP - Accepted for backward compatibility.
97H
Accepted for backward compatibility. Use of this Feature is not recommended.
9AH
NOP - accepted for compatibility.
BBH
4 Bytes of data apply on Read/Write Long commands.
CCH
Enable Power on Reset (POR) establishment of defaults at software Reset.
T3-5.0 391



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com