Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SST58LD016 Datasheet(PDF) 24 Page - Silicon Storage Technology, Inc

Part # SST58LD016
Description  ATA-Disk Chip
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST58LD016 Datasheet(HTML) 24 Page - Silicon Storage Technology, Inc

Back Button SST58LD016 Datasheet HTML 20Page - Silicon Storage Technology, Inc SST58LD016 Datasheet HTML 21Page - Silicon Storage Technology, Inc SST58LD016 Datasheet HTML 22Page - Silicon Storage Technology, Inc SST58LD016 Datasheet HTML 23Page - Silicon Storage Technology, Inc SST58LD016 Datasheet HTML 24Page - Silicon Storage Technology, Inc SST58LD016 Datasheet HTML 25Page - Silicon Storage Technology, Inc SST58LD016 Datasheet HTML 26Page - Silicon Storage Technology, Inc SST58LD016 Datasheet HTML 27Page - Silicon Storage Technology, Inc SST58LD016 Datasheet HTML 28Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 40 page
background image
24
Data Sheet
ATA-Disk Chip
SST58SD008 / 016 / 024 / 032 / 048 / 064 / 096 / 128 / 192
SST58LD008 / 016 / 024 / 032 / 048 / 064 / 096 / 128 / 192
©2001 Silicon Storage Technology, Inc.
S71167-05-000
9/01
391
3.2.1.4.14 PIO Data Transfer Cycle Timing Mode
This field defines the mode for PIO data transfer. ADC supports up to PIO Mode-4.
3.2.1.4.15 Translation Parameters Valid
If bit 0 is 1, it indicates that words 54 to 58 are valid and reflect the current number of cylinders, heads
and sectors. If bit 1 is 1, it indicates that words 64 to 70 are valid to support PIO Mode-3 and 4.
3.2.1.4.16 Current Number of Cylinders, Heads, Sectors/Track
These fields contains the current number of user addressable Cylinders, Heads, and Sectors/Track in
the current translation mode.
3.2.1.4.17 Current Capacity
This field contains the product of the current cylinders times heads times sectors.
3.2.1.4.18 Multiple Sector Setting
This field contains a validity flag in the Odd Byte and the current number of sectors that can be
transferred per interrupt for R/W Multiple in the Even Byte. The Odd Byte is always 01H which indicates
that the Even Byte is always valid.
The Even Byte value depends on the value set by the Set Multiple command. The Even Byte of this
word by default contains a 00H which indicates that R/W Multiple commands are not valid.
3.2.1.4.19 Total Sectors Addressable in LBA Mode
This field contains the number of sectors addressable for the ADC in LBA mode only.
3.2.1.4.20 Advanced PIO Data Transfer Mode
ADC supports up to PIO Mode-4.
3.2.1.4.21 Minimum PIO Transfer Cycle Time Without Flow Control
The ADC’s minimum cycle time is 120 ns.
3.2.1.4.22 Minimum PIO Transfer Cycle Time With IORDY
The ADC’s minimum cycle time is 120 ns, e.g., PIO Mode-4.
3.2.1.5 Idle - 97H or E3H
This command causes the ADC to set BSY, enter the Idle Mode, clear BSY and generate an interrupt. If
the sector count is non-zero, it is interpreted as a timer count with each count being 5 milliseconds and
the automatic power down mode is enabled. If the sector count is zero, the automatic power down
mode is also enabled, the timer count is set to 3, with each count being 5 ms. Note that this time base
(5 msec) is different from the ATA specification.
Bit ->
76
54
32
10
Command (7)
97H or E3H
C/D/H (6)
XDrive
X
Cyl High (5)
X
Cyl Low (4)
X
Sec Num (3)
X
Sec Cnt (2)
Timer Count (5 msec increments)
Feature (1)
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com