| Electronic Components Datasheet Search |
|
SST58LD016 Datasheet(PDF) 6 Page - Silicon Storage Technology, Inc |
|
|
|||||||||||||||||||||||||||||
SST58LD016 Datasheet(HTML) 6 Page - Silicon Storage Technology, Inc |
|
6 / 40 page ![]() 6 Data Sheet ATA-Disk Chip SST58SD008 / 016 / 024 / 032 / 048 / 064 / 096 / 128 / 192 SST58LD008 / 016 / 024 / 032 / 048 / 064 / 096 / 128 / 192 ©2001 Silicon Storage Technology, Inc. S71167-05-000 9/01 391 1.2 SST’s ATA-Disk Chip Product Offering The SST58SD/LDxxx ATA-Disk Chip product family is available in 8 to 192 MByte capacities. The following table shows the specific capacity, default number of cylinder heads, sectors and cylinders for each product line. 2.0 ELECTRICAL INTERFACE 2.0.1 Pin Assignment and Pin Type The signal/pin assignments are listed in Table 2-1. Low active signals have a “#” suffix. Pin types are Input, Output or Input/ Output. Section 2.3 defines the DC characteristics for all input and output type structures. 2.1 Electrical Description The ADC functions in ATA Mode, which is compatible with IDE hard disk drives. Table 2-2 describes the I/O signals. Signals whose source is the host are designated as inputs while signals that the ADC sources are outputs. All outputs from the ADC are totem pole except the data bus signals which are in the bi-directional tri- state. Refer to Section 2.3.2 for definitions of Input and Output types. FIGURE 2-1: PIN ASSIGNMENTS FOR 32-PIN PSDIP Model Number Density Total Bytes Cylinders Heads Sectors SST58SD/LD008 8 MB 8,028,160 245 2 32 SST58SD/LD016 16 MB 16,023,552 489 2 32 SST58SD/LD024 24 MB 24,051,712 367 4 32 SST58SD/LD032 32 MB 32,047,104 489 4 32 SST58SD/LD048 48 MB 48,037,888 733 4 32 SST58SD/LD064 64 MB 64,028,672 977 4 32 SST58SD/LD096 96 MB 96,075,776 733 8 32 SST58SD/LD128 128 MB 128,057,344 977 8 32 SST58SD/LD192 192 MB 192,151,552 733 16 32 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 32-pin PSDIP Top View RESET# D7 D6 D5 D4 D3 D2 D1 D0 WP# IORD# INTRQ A1 A0 CS1FX# GND 32 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 VCC D8 D9 D10 D11 D12 D13 D14 D15 IOWR# CSEL IOCS16# PDIAG# A2 CS3FX# DASP# 391 ILL F01.5 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |