Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SST58LD016 Datasheet(PDF) 16 Page - Silicon Storage Technology, Inc

Part # SST58LD016
Description  ATA-Disk Chip
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST58LD016 Datasheet(HTML) 16 Page - Silicon Storage Technology, Inc

Back Button SST58LD016 Datasheet HTML 12Page - Silicon Storage Technology, Inc SST58LD016 Datasheet HTML 13Page - Silicon Storage Technology, Inc SST58LD016 Datasheet HTML 14Page - Silicon Storage Technology, Inc SST58LD016 Datasheet HTML 15Page - Silicon Storage Technology, Inc SST58LD016 Datasheet HTML 16Page - Silicon Storage Technology, Inc SST58LD016 Datasheet HTML 17Page - Silicon Storage Technology, Inc SST58LD016 Datasheet HTML 18Page - Silicon Storage Technology, Inc SST58LD016 Datasheet HTML 19Page - Silicon Storage Technology, Inc SST58LD016 Datasheet HTML 20Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 40 page
background image
16
Data Sheet
ATA-Disk Chip
SST58SD008 / 016 / 024 / 032 / 048 / 064 / 096 / 128 / 192
SST58LD008 / 016 / 024 / 032 / 048 / 064 / 096 / 128 / 192
©2001 Silicon Storage Technology, Inc.
S71167-05-000
9/01
391
3.1.2.3 Feature Register (Write Only)
This register provides information regarding features of the ADC that the host can utilize.
3.1.2.4 Sector Count Register
This register contains the numbers of sectors of data requested to be transferred on a Read or Write operation
between the host and the ADC. If the value in this register is zero, a count of 256 sectors is specified. If the com-
mand was successful, this register is zero at command completion. If not successfully completed, the register con-
tains the number of sectors that need to be transferred in order to complete the request.
3.1.2.5 Sector Number (LBA 7-0) Register
This register contains the starting sector number or bits 7-0 of the Logical Block Address (LBA) for any ADC data
access for the subsequent command.
3.1.2.6 Cylinder Low (LBA 15-8) Register
This register contains the low order 8 bits of the starting cylinder address or bits 15-8 of then Logical Block
Address.
3.1.2.7 Cylinder High (LBA 23-16) Register
This register contains the high order bits of the starting cylinder address or bits 23-16 of the Logical Block Address.
3.1.2.8 Drive/Head (LBA 27-24) Register
The Drive/Head register is used to select the drive and head. It is also used to select LBA addressing instead of
cylinder/head/sector addressing. The bits are defined as follows:
Bit 7
This bit is set to 1.
Bit 6
LBA is a flag to select either Cylinder/Head/Sector (CHS) or Logical Block Address Mode (LBA).
When LBA=0, Cylinder/Head/Sector mode is selected. When LBA=1, Logical Block Address is
selected. In Logical Block Mode, the Logical Block Address is interpreted as follows:
LBA7-LBA0: Sector Number Register D7-D0.
LBA15-LBA8: Cylinder Low Register D7-D0.
LBA23-LBA16: Cylinder High Register D7-D0.
LBA27-LBA24: Drive/Head Register bits HS3-HS0.
Bit 5
This bit is set to 1.
Bit 4 (DRV)
DRV is the drive number. When DRV=0 (Master), Master is selected.
When DRV=1(Slave), Slave is selected.
Bit 3 (HS3)
When operating in the Cylinder, Head, Sector mode, this is bit 3 of the head number.
It is Bit 27 in the Logical Block Address mode.
Bit 2 (HS2)
When operating in the Cylinder, Head, Sector mode, this is bit 2 of the head number.
It is Bit 26 in the Logical Block Address mode.
Bit 1 (HS1
When operating in the Cylinder, Head, Sector mode, this is bit 1 of the head number.
It is Bit 25 in the Logical Block Address mode.
Bit 0 (HS0)
When operating in the Cylinder, Head, Sector mode, this is bit 0 of the head number.
It is Bit 24 in the Logical Block Address mode.
D7
D6
D5
D4
D3
D2
D1
D0
1LBA
1
DRV
HS3
HS2
HS1
HS0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com