Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC9301 Datasheet(PDF) 5 Page - Semtech Corporation

Part # SC9301
Description  10A EcoSpeed짰 Integrated FET Regulator with 5V LDO and Hiccup Restart
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC9301 Datasheet(HTML) 5 Page - Semtech Corporation

  SC9301 Datasheet HTML 1Page - Semtech Corporation SC9301 Datasheet HTML 2Page - Semtech Corporation SC9301 Datasheet HTML 3Page - Semtech Corporation SC9301 Datasheet HTML 4Page - Semtech Corporation SC9301 Datasheet HTML 5Page - Semtech Corporation SC9301 Datasheet HTML 6Page - Semtech Corporation SC9301 Datasheet HTML 7Page - Semtech Corporation SC9301 Datasheet HTML 8Page - Semtech Corporation SC9301 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
SC9301
5
Electrical Characteristics (continued)
Parameter
Conditions
Min
Typ
Max
Units
Fault Protection
Valley Current Limit(3)
VDD = 5V, R
ILIM
= 7320, T
J
= 0 to +125 °C
8.5
10
11.5
A
VDD = 3.3V, R
ILIM
= 7320, T
J
= 0 to +125 °C
9
A
I
LIM
Source Current
Trimmed to match lower FET Rdson
9
μA
I
LIM
Comparator Offset
With respect to AGND
-8
0
+8
mV
Output Under-Voltage Threshold
V
FB
with respect to internal 600mV reference,
8 consecutive cycles
-25
%
Smart Power-Save Protection Threshold(2)
V
FB
with respect to internal 600mV reference
+10
%
Over-Voltage Protection Threshold
V
FB
with respect to internal 600mV reference
+20
%
Over-Voltage Fault Delay(2)
5μs
Over-Temperature Shutdown(2)
10°C hysteresis
150
°C
Logic Inputs/Outputs
Logic Input High Voltage
EN, ENL
1.0
V
Logic Input Low Voltage
EN, ENL
0.4
V
EN Input Bias Current
EN = VDD or AGND
-10
+10
μA
ENL Input Bias Current
ENL = V
IN
= 28V
-1
11
+18
μA
FB Input Bias Current
FB = VDD or AGND
-1
+1
μA
Linear Regulator (LDO)
VLDO Accuracy
VLDO load = 10mA
4.90
5.0
5.10
V
Current Limit
Short-circuit protection, V
IN
= 12V, VLDO < 1V
20
mA
V
IN
= 12V, 1V < VLDO < 4.5V
115
Operating, VLDO > 4.5V
200
VLDO Drop Out Voltage(4)
V
IN
to VLDO, VLDO load = 100mA
1.9
V
Notes:
(1)
VIN UVLO is programmable using a resistor divider from VIN to ENL to AGND. The ENL voltage is compared to an internal reference.
(2)
Typical value measured on standard evaluation board.
(3)
The device has first order temperature compensation for over current. Results vary based upon the PCB thermal layout.
(4)
The LDO drop out voltage is the voltage at which the LDO output drops 2% below the nominal regulation point.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com