Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC9301 Datasheet(PDF) 9 Page - Semtech Corporation

Part # SC9301
Description  10A EcoSpeed짰 Integrated FET Regulator with 5V LDO and Hiccup Restart
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC9301 Datasheet(HTML) 9 Page - Semtech Corporation

Back Button SC9301 Datasheet HTML 5Page - Semtech Corporation SC9301 Datasheet HTML 6Page - Semtech Corporation SC9301 Datasheet HTML 7Page - Semtech Corporation SC9301 Datasheet HTML 8Page - Semtech Corporation SC9301 Datasheet HTML 9Page - Semtech Corporation SC9301 Datasheet HTML 10Page - Semtech Corporation SC9301 Datasheet HTML 11Page - Semtech Corporation SC9301 Datasheet HTML 12Page - Semtech Corporation SC9301 Datasheet HTML 13Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
SC9301
9
Start-up — Full Load
Typical Characteristics (continued)
Characteristics in this section are based upon using the Typical Application Circuit on page 6.
Shutdown — EN
Time (50μs/div)
(5V/div)
(5V/div)
(500mV/div)
(10V/div)
VDD = 5V, V
IN
= 12V, V
OUT
= 1.5V, I
OUT
= 10A
Steady State — No Load
Time (5μs/div)
(50mV/div)
(10V/div)
VDD = 5V, V
IN
= 12V, V
OUT
= 1.5V, I
OUT
= 0A
Steady State — Full Load
Time (5μs/div)
(50mV/div)
(10V/div)
VDD = 5V, V
IN
= 12V, V
OUT
= 1.5V, I
OUT
= 10A
Start-up — Prebias
Time (1ms/div)
VDD = 5V, V
IN
= 12V, V
OUT
= 1.5V, I
OUT
= 0A
Start-up — No Load
Time (1ms/div)
(5V/div)
(5V/div)
(500mV/div)
(10V/div)
VDD = 5V, V
IN
= 12V, V
OUT
= 1.5V, I
OUT
= 10A
Time (1 ms/div)
(5V/div)
(500mV/div)
(5V/div)
VDD = 3.3V, V
IN
= 12V, V
OUT
= 1.5V, I
OUT
= 0A
(5V/div)
LX
V
OUT
EN
PGOOD
LX
V
OUT
EN
PGOOD
LX
V
OUT
EN
PGOOD
V
OUT
V
OUT
LX
LX
LX
V
OUT
EN
PGOOD
(500mV/div)
(5V/div)
(10V/div)
(5V/div)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com