Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC9301 Datasheet(PDF) 22 Page - Semtech Corporation

Part # SC9301
Description  10A EcoSpeed짰 Integrated FET Regulator with 5V LDO and Hiccup Restart
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC9301 Datasheet(HTML) 22 Page - Semtech Corporation

Back Button SC9301 Datasheet HTML 18Page - Semtech Corporation SC9301 Datasheet HTML 19Page - Semtech Corporation SC9301 Datasheet HTML 20Page - Semtech Corporation SC9301 Datasheet HTML 21Page - Semtech Corporation SC9301 Datasheet HTML 22Page - Semtech Corporation SC9301 Datasheet HTML 23Page - Semtech Corporation SC9301 Datasheet HTML 24Page - Semtech Corporation SC9301 Datasheet HTML 25Page - Semtech Corporation SC9301 Datasheet HTML 26Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 29 page
background image
SC9301
22
Applications Information (continued)
sw
OUT
MIN
f
C
2
3
SR
E
Using Ceramic Output Capacitors
When the system is using high ESR value capacitors, the
feedback voltage ripple lags the phase node voltage by 90
degrees. Therefore, the converter is easily stabilized.
When the system is using ceramic output capacitors, the
ESR value is normally too small to meet the above ESR cri-
teria. As a result, the feedback voltage ripple is 180
degrees from the phase node and behaves in an unstable
manner. In this application it is necessary to add a small
virtual ESR network that is composed of two capacitors
and one resistor, as shown in Figure 10.
R1
R2
FB
pin
CC
COUT
L
CL
RL
DCR
D x VIN
+-
VL
Figure 10 — Virtual ESR Ramp Circuit
The ripple voltage at FB is a superposition of two voltage
sources: the voltage across C
L
and output ripple voltage.
They are defined in the following equations.
1
C
R
S
)
1
DCR
/
L
s
(
DCR
I
Vc
L
L
L
L
SW
L
OUT
f
C
8
I
V
Figure 11 shows the magnitude of the ripple contribution
due to C
L
at the FB pin.
R1
R2
FB
pin
CC
L
CL
RL
DCR
D x VIN
+-
VL
Figure 11 — FB Voltage by CL Voltage
It is shown by the following equation.
1
C
S
R
//
R
C
S
R
//
R
Vc
VFBc
C
2
1
C
2
1
L
L
Figure 12 shows the magnitude of the ripple contribution
due to the output voltage ripple at the FB pin.
R1
R2
FB
pin
CC
COUT
L
CL
RL
DCR
VL
VOUT
R1
R2
VOUT
CC
FB
pin
COUT
Figure 12 — FB Voltage by Output Voltage
It is shown by the following equation.
2
C
1
2
OUT
OUT
R
C
S
1
//
R
R
V
V
VFB
The purpose of this network is to couple the inductor
current ripple information into the feedback voltage such
that the feedback voltage has 90 degrees phase lag to the
switching node similar to the case of using standard high
ESR capacitors. This is illustrated in Figure 13.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com