Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC9301 Datasheet(PDF) 18 Page - Semtech Corporation

Part # SC9301
Description  10A EcoSpeed짰 Integrated FET Regulator with 5V LDO and Hiccup Restart
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC9301 Datasheet(HTML) 18 Page - Semtech Corporation

Back Button SC9301 Datasheet HTML 14Page - Semtech Corporation SC9301 Datasheet HTML 15Page - Semtech Corporation SC9301 Datasheet HTML 16Page - Semtech Corporation SC9301 Datasheet HTML 17Page - Semtech Corporation SC9301 Datasheet HTML 18Page - Semtech Corporation SC9301 Datasheet HTML 19Page - Semtech Corporation SC9301 Datasheet HTML 20Page - Semtech Corporation SC9301 Datasheet HTML 21Page - Semtech Corporation SC9301 Datasheet HTML 22Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 29 page
background image
SC9301
18
AGND
ENL low
threshold
(min 0.4V)
1.57V
1.57V
LDO on
LDO on
LDO off
VIN UVLO hysteresis
ENL voltage
Switcher on if EN = high
Switcher on if EN = high
Switcher off by VIN UVLO
Figure 7 — ENL Thresholds
ENL Logic Control of PWM Operation
When the ENL input exceeds the VIN UVLO threshold of
1.57V, internal logic checks the PGOOD signal. If PGOOD
is high, the switcher is already running and the LDO will
start without affecting the switcher. If PGOOD is low, the
device disables PWM switching until the LDO output has
reached 90% of its final value. This delay prevents the
additional current needed by the DH and DL gate drives
from overloading the LDO at start-up.
LDO Start-up
Before LDO start-up, the device checks the status of the
following signals to ensure proper operation can be
maintained.
ENL pin
VLDO output
V
IN
input voltage
When the ENL pin is high and V
IN
is available, the LDO will
begin start-up. During the initial phase, when VLDO is
below 1V, the LDO initiates a current-limited start-up
(typically 20mA). This protects the LDO from thermal
damage if the V
LDO
is shorted to ground. As V
LDO
exceeds
1V, the start-up current gradually increases to 115mA.
When V
LDO
reaches 4.5V, the LDO current limit is increased
to 200mA and the LDO output rises quickly to 5.0V. The
LDO start-up is shown in Figure 8.
1.
2.
3.
5V
4.5V
20mA constant current
voltage regulating with
200mA current limit
1.0V
VLDO
increasing current
Figure 8 — LDO Start-Up
Using the Internal LDO to Bias the SC9301
The following steps must be followed when using the
internal LDO to bias the device.
Connect VDD to VLDO before enabling the
LDO.
During the initial start-up the LDO, when the
LDO output is less than 1V, the external load
should not exceed 20mA. Above 1V, any exter-
nal load on VLDO should not exceed 115mA
until the LDO voltage has reached 90% of final
value.
•
•
Applications Information (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com