Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC9301 Datasheet(PDF) 23 Page - Semtech Corporation

Part # SC9301
Description  10A EcoSpeed짰 Integrated FET Regulator with 5V LDO and Hiccup Restart
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC9301 Datasheet(HTML) 23 Page - Semtech Corporation

Back Button SC9301 Datasheet HTML 19Page - Semtech Corporation SC9301 Datasheet HTML 20Page - Semtech Corporation SC9301 Datasheet HTML 21Page - Semtech Corporation SC9301 Datasheet HTML 22Page - Semtech Corporation SC9301 Datasheet HTML 23Page - Semtech Corporation SC9301 Datasheet HTML 24Page - Semtech Corporation SC9301 Datasheet HTML 25Page - Semtech Corporation SC9301 Datasheet HTML 26Page - Semtech Corporation SC9301 Datasheet HTML 27Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 29 page
background image
SC9301
23
Applications Information (continued)
VOUT
LX
IL
FB contribution
by CL
FB contribution by
output voltage ripple
Combined FB
Figure 13 — FB voltage in Phasor Diagram
The magnitude of the feedback ripple voltage, which is
dominated by the contribution from C
L
, is controlled by
the value of R
1
, R
2
and C
C
. If the corner frequency of (R
1
//
R
2
) x C
C
is too high, the ripple magnitude at the FB pin will
be smaller, which can lead to double-pulsing. Conversely,
if the corner frequency of (R
1
// R
2
) x C
C
is too low, the ripple
magnitude at FB pin will be higher. Since the SC9301
regulates to the valley of the ripple voltage at the FB pin,
a high ripple magnitude is undesirable as it significantly
impacts the output voltage regulation. As a result, it is
desirable to select a corner frequency for (R
1
// R
2
) x C
C
to
achieve enough, but not excessive, ripple magnitude and
phase margin. The component values for R
1
, R
2
, and C
C
should be calculated using the following procedure.
Select C
L
(typical 10nF) and R
L
to match with L and DCR
time constant using the following equation.
L
L
C
DCR
L
R
Select C
C
by using the following equation.
sw
2
1
C
f
2
3
R
//
R
1
C
The resistor values (R
1
and R
2
) in the voltage divider circuit
set the V
OUT
for the switcher. The typical value for C
C
is
from 10pF to 1nF.
Dropout Performance
The output voltage adjust range for continuous-conduc-
tion operation is limited by the fixed 250ns (typical)
minimum off-time of the one-shot. When working with
low input voltages, the duty-factor limit must be calcu-
lated using worst-case values for on and off times.
The duty-factor limitation is shown by the following
equation.
)
MAX
(
OFF
)
MIN
(
ON
)
MIN
(
ON
T
T
T
DUTY
The inductor resistance and MOSFET on-state voltage
drops must be included when performing worst-case
dropout duty-factor calculations.
System DC Accuracy (V
OUT Controller)
Three factors affect V
OUT
accuracy: the trip point of the FB
error comparator, the ripple voltage variation with line
and load, and the external resistor tolerance. The error
comparator offset is trimmed so that under static condi-
tions it trips when the feedback pin is 600mV, + 1%.
The on-time pulse from the SC9301 in the design example
is calculated to give a pseudo-fixed frequency of 250kHz.
Some frequency variation with line and load is expected.
This variation changes the output ripple voltage. Because
adaptive on-time converters regulate to the valley of the
output ripple, ½ of the output ripple appears as a DC regu-
lation error. For example, if the output ripple is 50mV with
V
IN
= 6 volts, then the measured DC output will be 25mV
above the comparator trip point. If the ripple increases to
80mV with V
IN
= 25V, then the measured DC output will be
40mV above the comparator trip. The best way to mini-
mize this effect is to minimize the output ripple.
To compensate for valley regulation, it may be desirable to
use passive droop. Take the feedback directly from the
output side of the inductor and place a small amount of
trace resistance between the inductor and output capaci-
tor. This trace resistance should be optimized so that at
full load the output droops to near the lower regulation
limit. Passive droop minimizes the required output capaci-
tance because the voltage excursions due to load steps
are reduced as seen at the load.
The use of 1% feedback resistors contributes up to 1%
error. If tighter DC accuracy is required, 0.1% resistors
should be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com