Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL97516 Datasheet(PDF) 33 Page - Intersil Corporation

Part # ISL97516
Description  Providing high-performance solutions for every link in the signal chain
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL97516 Datasheet(HTML) 33 Page - Intersil Corporation

Back Button ISL97516 Datasheet HTML 29Page - Intersil Corporation ISL97516 Datasheet HTML 30Page - Intersil Corporation ISL97516 Datasheet HTML 31Page - Intersil Corporation ISL97516 Datasheet HTML 32Page - Intersil Corporation ISL97516 Datasheet HTML 33Page - Intersil Corporation ISL97516 Datasheet HTML 34Page - Intersil Corporation ISL97516 Datasheet HTML 35Page - Intersil Corporation ISL97516 Datasheet HTML 36Page - Intersil Corporation ISL97516 Datasheet HTML 37Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 44 page
background image
Intersil Signal Path Products  2012  www.intersil.com
33
TEMPERATURE (°C)
-15
10
35
60
85
-40
-2.0
-1.5
-1.0
-0.5
0
0.5
1.0
1.5
2.0
VS = ±1.125V
VCM= 0V
ISL28134
Chopper-stabilized amplifiers (Zero Drift Amplifiers) offer
one of the best solutions, for the lowest offset voltage and
drift. These amplifiers achieve high DC precision through
a continuously running calibration mechanism that is
implemented on-chip.
No 1/f Noise
Low Noise
Low Offset Voltage
Figure 1. VOS vs Temperature
Figure 5. 5V CMOS ISL28134 vs CMOS Amp
Noise Voltage Density Comparison
Figure 4. CMRR vs Temperature
Figure 2. Input Noise Voltage 0.1Hz to 10Hz
Figure 3. VOS vs Supply Voltage
TIME (s)
0
1
1
2
3
4
5
6
7
8
9
0
-300
-200
-100
0
100
200
300
Vs = ±2.5V
AV = 10,000
Rg = 10, Rf = 100k
ISL28134
SUPPLY VOLTAGE (V)
-4
-3
-2
-1
0
1
2
3
4
1.5
2.0
2.5
3.0
1.0
3.5
ISL28134
FREQUENCY (Hz)
1
10
100
1k
10k
100m
1
10
100
1k
10k
100k
Chopper Stabilized Amp
(ISL28134)
Conventional CMOS Amp
TEMPERATURE (°C)
100
110
120
130
140
150
160
-15
10
35
60
85
-40
VCM = 0V
Vs = ±1.125V to ±3V
PSRR
VCM = -2.6V to +2.6V
Vs = ±2.5V
CMRR
PSRR
CMRR
ISL28134
Offset Drift = 0.5nV/°C
Part Number
Supply
Voltage (V)
Rail-To-
Rail
Vos Max
@ 25°C
TCVos
Max
Ib Max
@
25°C
CMRR
min @
25°C
PSRR
min @
25°C
Is Max
@
25°C GBW
Slew
Rate
Noise
0.1 to
10Hz
Voltage
Noise @
1kHz
Package
Single
Dual
Quad
Min Max
In
Out
µV
µV/°C
nA
dB
dB
mA
MHz
V/µs
µVpp
nV/√Hz
Single
Dual
Quad
ISL28133* ISL28233 ISL28433 1.65
5.5
Yes Yes
6
0.05
0.18
118
110
0.025
0.4
0.2
1
65
SC70, SOT23,
TDFN
MSOP, SOIC,
TDFN
SOIC, TSSOP
ISL28134
2.25
6
Yes Yes
0.0025
0.0005
0.3
120
120
0.900
3.5
1.5
0.25
10
SOIC, SOT23
*Some specifications will differ, please check data sheet for actual parameters and/or conditions
Chopper-stablized Amplifiers : ISL28x33, ISL28x34
Zero Drift Amplifiers (Low
Voltage Precision Op Amps)
Precision Amps by DC Offset and Drift Over
Temperature
ISL28133/233/433 5V
40V
40V
EL8176 5V
ISL28136/236 5V
ISL28158/258 5V
70
75
5
0.015
8
0.02
0.1
100
150
0.7
1.4
ISL28134 5V
ISL28127/227
ISL28107/207/407
0.4
0.6
ISL28177 40V
ISL28110/210 40V
0.3
300
TCVos - Voltage Offset Drift (typ) (μV/°C)
PR40 Products
ISL28117B/217B/417B 40V
ISL28118/218 40V
ISL28108/208/408 40V
Low Drift Over Temperature
High CMRR/PSRR
Features and Benefits
• Low Drift / Reduced Offset Voltage Over Temperature
(typically < 0.5nV/ºC) [Figure 1]
• Low Drift /Reduced Offset Voltage Over Time [Figure 2]
• Low Offset Voltage / Reduced Offset Voltage (typically <1µV)
[Figure 3]
• Low Offset Voltage Over the Common Mode Range and
Power Supply (CMRR & PSRR typically > 125dB) [Figure 4]
• Eliminates or No 1/f Noise [Figure 5]
• Very High Open Loop Gain
• Precision Signal Amplifications
► Low Voltage Ultra Precision
Evalboard
Available!
Evalboard
Available!



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com